Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

90-203-2 Arkusz danych(PDF) 1 Page - Advanced Technical Materials Inc.

Numer części 90-203-2
Szczegółowy opis  STANDARD GAIN HORN
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATM [Advanced Technical Materials Inc.]
Strona internetowa  http://www.atmmicrowave.com
Logo ATM - Advanced Technical Materials Inc.

90-203-2 Arkusz danych(HTML) 1 Page - Advanced Technical Materials Inc.

  90-203-2 Datasheet HTML 1Page - Advanced Technical Materials Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
49 Rider Ave, Patchogue, NY 11772
Phone: 631-289-0363
Fax: 631-289-0358
E-mail
: atmemail@juno.com
Web: www.atmmicrowave.com
8
Service
Price
Delivery
Waveguide
Freq
Model No.
Model No.
Model No.
Model No.
Size
(GHz)
(SMA)
(Type N)
(SMA)
(Type N)
WR 650
1.12 - 1.70
650-251-2
650-253-2
N/A
N/A
WR 430
1.70 - 2.60
430-251-2
430-253-2
N/A
N/A
WR 284
2.60 - 3.95
284-251-6
284-253-6
284-201-2
284-203-2
WR 229
3.30 - 4.90
229-251-2
229-253-2
229-201-2
229-203-2
WR 187
3.95 - 5.85
187-251-6
187-253-6
187-201-2
187-203-2
WR 159
4.90 - 7.05
159-251-2
159-253-2
159-201-2
159-203-2
WR 137
5.80 - 8.20
137-251-2
137-253-2
137-201-2
137-203-2
WR 112
7.05 - 10.0
112-251-6
112-253-6
112-201-2
112-203-2
WR 90
8.20 - 12.4
90-251-6
90-253-6
90-201-2
90-203-2
WR 75
10.0 - 15.0
75-251-6
75-253-6
75-201-2
75-203-2
WR 62
12.4 - 18.0
62-251-6
62-253-6
62-201-2
62-203-2
WR 51
15.0 - 22.0
51-251-6
N/A
N/A
N/A
WR 42
18.0 - 26.5
42.251-6
N/A
N/A
N/A
WR 34
22.0 - 33.0
34-251-6*
N/A
N/A
N/A
WR 28
26.5 - 40.0
28-25K-6*
N/A
N/A
N/A
WAVEGUIDE TO COAX ADAPTERS
Full Waveguide Frequency Range
VSWR over Frequency Range 1.25 max.
DOUBLE RIDGE
WAVEGUIDE/COAX ADAPTERS
Rectangular Waveguide
Waveguide
Freq
Model No.
Model No.
Size
(GHz)
(SMA)
(Type N)
WRD 750
7.50 - 18.0
750-251-C3
750-253-C3
WRD 650
6.50 - 18.0
650-251-C3
650-253-C3
WRD 580
5.80 - 16.0
580-251-C3
580-253-C3
WRD 475
4.75 - 11.0
475-251-C3
475-253-C3
* K connectors & Square Flange
Flange Code: 2=CPRF; 6=Cover
Example:
137-252-1
Other Flange Types Available
Description:
ATM offers a series of rectangular waveguide
attenuators covering the waveguide sizes
WR-28 through WR-650. The assembly
construction includes a precision element for optimum
electrical performance.
WAVEGUIDE FIXED ATTENUATORS
Basic Model #:
Material: A=Alum, B=Brass
Attenuation: 3dB, 6dB, 10dB, 20dB, 30dB, 40dB
Flange 1: 1=CPRG, 2=CPRF, 6=Cover, 7=Choke, 8=Special
Flange 2: See above
Ordering Information:
Typical Part #: 137-600B -10-1-1
Basic
WG Size
Freq
Length
Power
Model No.
(GHz)
Inches
Watt
284-600
WR284
2.60 - 3.95
10
11
229-600
WR229
3.30 - 4.90
9
9
187-600
WR187
3.95 - 5.85
8.5
7
159-600
WR159
4.90 - 7.05
8
5
137-600
WR137
5.95 - 8.20
6
4
112-600
WR112
7.05 - 10.0
5
3
90-600
WR90
8.20 - 12.4
4
2
75-600
WR75
10.0 - 15.0
3.5
1
62-600
WR62
12.4 - 18.0
3
1
51-600
WR51
15.0 - 22.0
3
1
42-600
WR42
18.0 - 26.5
3
1
34-600
WR34
22.0 - 33.0
3
1
28-600
WR28
26.5 - 40.0
3
1
Lightweight
Corrosion Protection
Low VSWR
Other gains, brackets, coax (SMA, N) connectors available
STANDARD GAIN HORN
WG Size
Freq
Model No.
Model No.
Model No.
10dB Gain
15dB Gain
20dB Gain
(WR)(GHz)
(10dB Gain) (15dB Gain) (20dB Gain)
C
B
A
C
B
A
C
B
A
WR 650 1.12 - 1.70
650-440-2650-441-2N/A15.986.0712.1421.7716.2421.93N/AN/AN/A
WR 430 1.70 - 2.60
430-440-2430-441-2430-442-210.54.008.0014.5010.7514.5040.516.022.0
WR 340 2.20 - 3.30
340-440-2340-441-2340-442-29.03.435.7115.636.699.4535.0011.8118.79
WR 284 2.60 - 3.95
284-440-6284-441-6284-442-67.503.464.3315.345.837.9629.7510.6715.57
WR 229 3.30 - 4.90
229-440-2229-441-2229-442-26.452.363.6210.404.416.0023.508.6012.25
WR 187 3.95 - 5.85
187-440-6187-441-6187-442-65.502.122.899.403.574.8813.1366.308.51
WR 159 4.09 - 7.05
159-440-2159-441-2159-442-24.281.582.688.003.154.3311.737.649.80
WR 137 5.85 - 8.20
137-440-2137-441-2137-442-23.151.482.026.512.503.4212.194.576.26
WR 112 7.05 - 10.0
112-440-6112-441-6112-442-62.551.181.636.652.152.9310.783.644.97
WR 102 7.00 - 11.0
102-440-6102-441-6102-442-63.001.141.586.002.233.0411.133.945.57
WR 90
8.20 - 12.4
90-440-690-441-690-442-62.011.151.585.461.952.6610.063.624.87
WR 75
10.0 - 15.0
75-440-675-441-675-442-61.940.921.264.691.332.258.002.983.88
WR 62
12.4 - 18.0
62-440-662-441-662-442-61.610.680.933.461.722.195.752.112.88
WR 51
15.0 - 22.0
51-440-651-441-651-442-61.430.560.772.841.001.364.881.932.51
WR 42
18.0 - 26.5
42-440-642-441-642-442-61.250.440.602.370.851.144.001.562.13
WR 34
22.0 - 33.0
34-440-634-441-634-442-61.130.390.532.120.700.953.561.291.76
WR 28
26.5 - 40.0
28-440-628-441-628-442-61.000.3150.421.870.550.763.121.011.38
End Launch
WG Size
Freq
Min. Phase
VSWRModel
WR(GHz)AdjustMaxNo.
159
5.90 - 6.40
3601.15159-410-2-2
137
5.90 - 6.40
3601.15137-410-2-2
112
7.90 - 6.40
3601.15112-410-6-6
75
14.0 - 14.5
3601.1575-410-2-2
62
14.0 - 14.5
3601.1562-410-6-6
WAVEGUIDE PHASE SHIFTER
Mechanical phase adjustment
Driver shaft and lock
Motor drive available
Flange Code: 2=CPRG; 6=Cover; 7=Choke
B
A
C
Right Angle
Flange Code: C3=Cover, G3 = Grooved (WRD)
Example:
580-253-G1
Other Flange Types Available


Podobny numer części - 90-203-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Coilcraft lnc.
90-20 COILCRAFT-90-20 Datasheet
111Kb / 2P
   Axial Lead Chokes
More results

Podobny opis - 90-203-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pasternack Enterprises,...
PE9853-15 PASTERNACK-PE9853-15 Datasheet
254Kb / 2P
   STANDARD GAIN HORN
PE9855-10 PASTERNACK-PE9855-10 Datasheet
103Kb / 1P
   STANDARD GAIN HORN
PE9856-20 PASTERNACK-PE9856-20 Datasheet
255Kb / 2P
   STANDARD GAIN HORN
PE9859-10 PASTERNACK-PE9859-10 Datasheet
280Kb / 2P
   STANDARD GAIN HORN
PE9854-20 PASTERNACK-PE9854-20 Datasheet
256Kb / 2P
   STANDARD GAIN HORN
PE9859-15 PASTERNACK-PE9859-15 Datasheet
421Kb / 2P
   STANDARD GAIN HORN
PE9864-10 PASTERNACK-PE9864-10 Datasheet
256Kb / 2P
   STANDARD GAIN HORN
PE9864-20 PASTERNACK-PE9864-20 Datasheet
256Kb / 2P
   STANDARD GAIN HORN
PE9859-20 PASTERNACK-PE9859-20 Datasheet
256Kb / 2P
   STANDARD GAIN HORN
PE9862-10 PASTERNACK-PE9862-10 Datasheet
256Kb / 2P
   STANDARD GAIN HORN
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com