Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FZT949 Arkusz danych(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Numer części FZT949
Szczegółowy opis  PNP Silicon Planar High Current (High Performance) Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Strona internetowa  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FZT949 Arkusz danych(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  FZT949 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FZT949 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
SOT-223
Unit: mm
3.00+0.1
-0.1
0.70+0.1
-0.1
2.9
4.6
6.50+0.2
-0.2
3.50+0.2
-0.2
0.90+0.2
-0.2
7.00+0.3
-0.3
12
4
3
1 base
2 collector
3 emitter
PNP Silicon Planar High Current
(High Performance) Transistor
FZT949
Features
Extremely low equivalent on-resistance; RCE(sat).
6 Amps continuous current.
Up to 20 Amps peak current.
Very low saturation voltage.
Excellent hFE characteristics specified upto 20 Amps.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
-50
V
Collector-emitter voltage
VCEO
-30
V
Emitter-base voltage
VEBO
-6
V
Continuous collector current
ICM
-20
A
Peak pulse current
IC
-5.5
A
Power dissipation
Ptot
3W
Operating and storage temperature range
Tj,Tstg
-55to+150


Podobny numer części - FZT949

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Zetex Semiconductors
FZT949 ZETEX-FZT949 Datasheet
216Kb / 5P
   PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
Diodes Incorporated
FZT949 DIODES-FZT949 Datasheet
227Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT
FZT949 DIODES-FZT949 Datasheet
227Kb / 5P
   SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
FZT949 DIODES-FZT949 Datasheet
452Kb / 7P
   30V PNP MEDIUM POWER TRANSISTOR
FZT949QTA DIODES-FZT949QTA Datasheet
606Kb / 7P
   30V PNP MEDIUM POWER TRANSISTOR IN SOT223
More results

Podobny opis - FZT949

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Zetex Semiconductors
FZT968 ZETEX-FZT968 Datasheet
97Kb / 2P
   PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) POWER TRANSISTOR
logo
List of Unclassifed Man...
FZT968TA ETC2-FZT968TA Datasheet
109Kb / 2P
   SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) POWER TRANSISTOR
logo
Diodes Incorporated
FZT968 DIODES-FZT968_15 Datasheet
109Kb / 2P
   SOT223 PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) POWER TRANSISTOR
logo
Zetex Semiconductors
FZT751 ZETEX-FZT751 Datasheet
97Kb / 2P
   PNP SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
logo
GTM CORPORATION
GM157 GTM-GM157 Datasheet
353Kb / 2P
   PNP SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
GL157 GTM-GL157 Datasheet
308Kb / 2P
   PNP SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
logo
Micro Commercial Compon...
FMMT718 MCC-FMMT718 Datasheet
450Kb / 4P
   PNP Silicon Planar High Performance Transistor
logo
SeCoS Halbleitertechnol...
PZT157 SECOS-PZT157 Datasheet
1Mb / 2P
   PNP Transistor Silicon Planar High Performance Transistor
logo
Zetex Semiconductors
FZT948 ZETEX-FZT948 Datasheet
216Kb / 5P
   PNP SILICON PLANAR HIGH CURRENT (HIGH PERFORMANCE) TRANSISTORS
logo
Cystech Electonics Corp...
BTB1216J3 CYSTEKEC-BTB1216J3 Datasheet
257Kb / 7P
   PNP Epitaxial Planar High Current (High Performance) Transistor
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com