Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK1586 Arkusz danych(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Numer części 2SK1586
Szczegółowy opis  MOS Field Effect Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Strona internetowa  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SK1586 Arkusz danych(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SK1586 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
MOSFET
1
www.kexin.com.cn
1.80+0.1
-0.1
4.50+0.1
-0.1
0.53+0.1
-0.1
0.48+0.1
-0.1
1.50+0.1
-0.1
0.44+0.1
-0.1
3.00+0.1
-0.1
SOT-89
Unit: mm
1. Base
2. Collector
3. Emiitter
1. Source
2. Drain
3. Gate
1
2
3
1Gate
2Drain
3Source
MOS Field Effect Transistor
2SK1586
Features
Directly driven by Ics having a 3V power supply.
Has low on-state resistance
RDS(on)=1.0
MAX.@VGS=4.0V,ID=0.5A
RDS(on)=0.6
MAX.@VGS=10V,ID=0.5A
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Drain to source voltage
VDSS
30
V
Gate to source voltage
VGSS
20
V
Drain current (DC)
ID
1.0
A
Drain current(pulse) *
ID
2.0
A
Power dissipation
PD
2.0
W
Channel temperature
Tch
150
Storage temperature
Tstg
-55to+150
*PW
10ms, duty cycle
5%
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Drain cut-off current
IDSS
VDS=30V,VGS=0
10
A
Gate leakage current
IGSS
VGS=
20V,VDS=0
10
A
Gate to source cutoff voltage
VGS(off)
VDS=10V,ID=1mA
1.3
1.9
2.5
V
Forward transfer admittance
Yfs
VDS=5.0V,ID=0.5A
0.4
s
VGS=4.0V,ID=0.5A
0.3
1.0
VGS=10V,ID=0.5A
0.2
0.6
Input capacitance
Ciss
170
pF
Output capacitance
Coss
170
pF
Reverse transfer capacitance
Crss
55
pF
Turn-on delay time
td(on)
50
ns
Rise time
tr
220
ns
Turn-off delay time
td(off)
210
ns
Fall time
tf
230
ns
VDS=5.0V,VGS=0,f=1MHZ
ID=0.5A,VGS(on)=5.0V,RL=6
,VDD=20V,RG=10
Drain to source on-state resistance
RDS(on)
Marking
Marking
NI


Podobny numer części - 2SK1586

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
2SK1586 NEC-2SK1586 Datasheet
312Kb / 6P
   N-CHANNEL MOS FET FOR SWITCHING
logo
Renesas Technology Corp
2SK1586 RENESAS-2SK1586 Datasheet
531Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
1991
logo
Guangdong Kexin Industr...
2SK1586-HF KEXIN-2SK1586-HF Datasheet
1Mb / 4P
   N-Channel MOSFET
2SK1586 KEXIN-2SK1586_15 Datasheet
1Mb / 4P
   N-Channel MOSFET
More results

Podobny opis - 2SK1586

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com