Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

700-SH05GZ25 Arkusz danych(PDF) 4 Page - Allen-Bradley

Numer części 700-SH05GZ25
Szczegółowy opis  Solid-State Relays
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ALLEN-BRADLEY [Allen-Bradley]
Strona internetowa  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

700-SH05GZ25 Arkusz danych(HTML) 4 Page - Allen-Bradley

  700-SH05GZ25 Datasheet HTML 1Page - Allen-Bradley 700-SH05GZ25 Datasheet HTML 2Page - Allen-Bradley 700-SH05GZ25 Datasheet HTML 3Page - Allen-Bradley 700-SH05GZ25 Datasheet HTML 4Page - Allen-Bradley 700-SH05GZ25 Datasheet HTML 5Page - Allen-Bradley 700-SH05GZ25 Datasheet HTML 6Page - Allen-Bradley 700-SH05GZ25 Datasheet HTML 7Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Bulletin 700-SH
Solid-State Relays
54
Specifications, Continued
➊ Cat. No. 700-SH_ _ _HZ25 not CE or TÜV approved.
Inrush Current Resistivity
➋ Inrush current resistivity is the ability of an SSR to withstand a large surge current for a short period of time. Surges are considered non-repetitive (max. repeatability
once every 2…5 seconds). Keep the inrush current to half the rated value if it occurs repetitively. Exceeding the non-repetitive inrush current will damage the SSR.
➌ The heat sink size refers to the combined area of the sides of the heat sink that radiate heat. For example, when a current of 18 A is allowed to flow through the SSR
at 40°C, the graph shows that the heat sink size is about 450 cm2. Therefore, if the heat sink is square, one side of the heat sink must be 15 cm (152 x 2 = 450) or longer.
Characteristics
Cat. No.
700-SH05G, -SH10G, SH25G
700-SH40G
700-SH10H, -SH25H, SH40H
Load Switching Method/
Device
Triac
Thyristor
Pick-up Time
1/2 of load power source + 1 ms max. (DC input)
3/2 of load power source + 1 ms max. (AC input)
Drop-out Time
1/2 of load power source + 1 ms max. (DC input)
3/2 of load power source + 1 ms max. (AC input)
Output ON Voltage Drop
1.6 V (RMS) max
1.8 V (RMS) max
Output Leakage Current
5 mA max (at 100V AC)
10 mA max. (@ 200V AC)
10 mA max (at 200V AC)
20 mA max. (@ 400V AC)
Output VDRM, VCEO (V)
600
600
1200
Output di/dt (A/uS)
-SHO5G = 100,
-SHO10G, -SH25G= 50
50
100
Output dv/dt (V/uS)
-SHO5G = 200,
-SHO10G, -SH25G= 100
100
300
Output I2t (A2S)
-SHO5G = 24.5,
-SHO10G=112.5 -SH25G= 260
1260
260, SH40 = 1800
Output Tj °C Max.
125
Insulation Resistance
100 M
Ω min (at 500 VDC)
Dielectric Strength
2,500V AC, 50/60 Hz for 1 minute
Vibration Resistance (max.)
10…55 Hz, 1.5 mm double amplitude (10 G)
Shock Resistance (max.)
1,000 m/s2 (100 G)
Ambient Temperature
Operating: -30°C…80°C (-22°F…176°F)
with no icing or condensation
Storage: -30°C…100°C (-22°F…212°F)
with no icing or condensation
Ambient Humidity
Operating: 45%…85% (no condensation)
Standards ➊
UL508, CSA C22.2, CE, TÜV
Weight
Approx. 60g
Approx. 70g
Approx. 80g


Podobny numer części - 700-SH05GZ25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Allen-Bradley
700-S10 ALLEN-BRADLEY-700-S10 Datasheet
463Kb / 5P
   Solid-State Relays
700-S20 ALLEN-BRADLEY-700-S20 Datasheet
463Kb / 5P
   Solid-State Relays
700-SA ALLEN-BRADLEY-700-SA Datasheet
398Kb / 6P
   Solid-State Relays
700-SANY3Z25 ALLEN-BRADLEY-700-SANY3Z25 Datasheet
398Kb / 6P
   Solid-State Relays
700-SAZY5Z25 ALLEN-BRADLEY-700-SAZY5Z25 Datasheet
398Kb / 6P
   Solid-State Relays
More results

Podobny opis - 700-SH05GZ25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
   Solid State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
   Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
   Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
   Solid State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
   Solid-State Relays
700-SC ALLEN-BRADLEY-700-SC Datasheet
391Kb / 5P
   Solid-State Relays
logo
PHOENIX CONTACT
PLC-HSC-24DC PHOENIX-PLC-HSC-24DC Datasheet
98Kb / 6P
   Solid-state relays
logo
Opto Electronics Co,. L...
240A25 E-OEC-240A25 Datasheet
753Kb / 23P
   Solid-State Relays
logo
Allen-Bradley
700-SK ALLEN-BRADLEY-700-SK Datasheet
370Kb / 5P
   Solid-State Relays
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com