Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

700-SH40GA12 Arkusz danych(PDF) 3 Page - Allen-Bradley

Numer części 700-SH40GA12
Szczegółowy opis  Solid-State Relays
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ALLEN-BRADLEY [Allen-Bradley]
Strona internetowa  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

700-SH40GA12 Arkusz danych(HTML) 3 Page - Allen-Bradley

  700-SH40GA12 Datasheet HTML 1Page - Allen-Bradley 700-SH40GA12 Datasheet HTML 2Page - Allen-Bradley 700-SH40GA12 Datasheet HTML 3Page - Allen-Bradley 700-SH40GA12 Datasheet HTML 4Page - Allen-Bradley 700-SH40GA12 Datasheet HTML 5Page - Allen-Bradley 700-SH40GA12 Datasheet HTML 6Page - Allen-Bradley 700-SH40GA12 Datasheet HTML 7Page - Allen-Bradley  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Bulletin 700-SH
Solid-State Relays
53
Specifications
➊ The input impedance is measured at the maximum value of the rated supply voltage.
➋ With a constant current input system, SSR impedance varies with a change in input voltage.
➌ Refer to graphs, “Temperature Characteristics…” and “Must Release Voltage” on page 54 for further details.
➍ When specified heat sink is used. Refer to accessories, page 52 for applicable heat sinks. For more details, refer to graphs “Load Current Vs. Ambient Temperature
Characteristics” on page 55, and the “Heat Sink vs. Load Current” graph on page 54.
➎ If the SSR operation is continuous ON/OFF, this value should be reduced by 50%. Refer to “Inrush Current Resistivity” graphs on page 54 for more details.
Control/Input Ratings
Cat. No.
Rated Control
Voltage
Operating Control
Voltage Range
Impedance ➊
Control Voltage Levels
700-SH_ _G…
5...24V DC
4...32V DC
15 mA max ➋
Pick-up Voltage
Drop-out Voltage
4V DC max.
1V DC min.
100...120V AC
75...132V AC
36 k
Ω +/-20%
75V AC max. ➌
20V AC min. ➌
200...240V AC
150…264V AC
72 k
Ω +/-20%
150V AC max. ➌
40V AC min. ➌
700-SH_ _ H…
5...24V DC
4…32V DC
5 mA max. ➋
4V DC max.
1V DC min.
Load/Output Ratings
Cat. No.
Applicable Load
Rated Load
Voltage
Load Voltage
Range
Continuous Load
Current (Resistive)
Max. Inrush Current➎
With Heat Sink (A) ➍
Without Heat Sink (A) ➍
Min.
Max.
Min.
Max.
700-SH05G…
24…240V AC
19 …264V AC
0.1 A
5 A
0.1 A
3 A
60 A (@50/60 Hz, 1 cycle)
700-SH10G…
0.1 A
10 A
0.1 A
4 A
150 A (@50/60 Hz, 1
cycle)
700-SH10H…
200…480V AC
180…528 VAC
0.2 A
10 A
0.2 A
4 A
700-SH25G…
24…240V AC
19…264V AC
0.1 A
25 A
0.1 A
4 A
220 A (@ 50/60 Hz, 1
cycle)
700-SH25H…
200…480V AC
180…528V AC
0.2 A
25 A
0.2 A
4 A
700-SH40G…
24…240V AC
19…264V AC
0.1 A
40 A
0.1 A
6 A
440 A (@ 50/60 Hz, 1
cycle)
700-SH40H…
200…480V AC
180…528V AC
0.2 A
40 A
0.2 A
6 A


Podobny numer części - 700-SH40GA12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Allen-Bradley
700-S10 ALLEN-BRADLEY-700-S10 Datasheet
463Kb / 5P
   Solid-State Relays
700-S20 ALLEN-BRADLEY-700-S20 Datasheet
463Kb / 5P
   Solid-State Relays
700-SA ALLEN-BRADLEY-700-SA Datasheet
398Kb / 6P
   Solid-State Relays
700-SANY3Z25 ALLEN-BRADLEY-700-SANY3Z25 Datasheet
398Kb / 6P
   Solid-State Relays
700-SAZY5Z25 ALLEN-BRADLEY-700-SAZY5Z25 Datasheet
398Kb / 6P
   Solid-State Relays
More results

Podobny opis - 700-SH40GA12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
   Solid State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
   Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
   Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
   Solid State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
   Solid-State Relays
700-SC ALLEN-BRADLEY-700-SC Datasheet
391Kb / 5P
   Solid-State Relays
logo
PHOENIX CONTACT
PLC-HSC-24DC PHOENIX-PLC-HSC-24DC Datasheet
98Kb / 6P
   Solid-state relays
logo
Opto Electronics Co,. L...
240A25 E-OEC-240A25 Datasheet
753Kb / 23P
   Solid-State Relays
logo
Allen-Bradley
700-SK ALLEN-BRADLEY-700-SK Datasheet
370Kb / 5P
   Solid-State Relays
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com