Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LCPB Arkusz danych(PDF) 4 Page - Linear Technology

Numer części LCPB
Szczegółowy opis  48V Buck Mode LED Driver in SC70 and 2mm x 2mm DFN
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINER [Linear Technology]
Strona internetowa  http://www.linear.com
Logo LINER - Linear Technology

LCPB Arkusz danych(HTML) 4 Page - Linear Technology

  LCPB Datasheet HTML 1Page - Linear Technology LCPB Datasheet HTML 2Page - Linear Technology LCPB Datasheet HTML 3Page - Linear Technology LCPB Datasheet HTML 4Page - Linear Technology LCPB Datasheet HTML 5Page - Linear Technology LCPB Datasheet HTML 6Page - Linear Technology LCPB Datasheet HTML 7Page - Linear Technology LCPB Datasheet HTML 8Page - Linear Technology LCPB Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LT3590
4
3590f
SWITCH CURRENT (mA)
20
0.6
0.7
100
0.5
0.4
0.2
40
60
80
0.3
0.8
3590 G01
–40°C
25°C
125°C
SCHOTTKY FORWARD CURRENT (mA)
0
0.8
0.9
1.0
200
0.7
0.6
0.4
50
100
150
0.5
1.2
1.1
3590 G02
–40°C
25°C
125°C
VIN (V)
0
10
12
14
16
18
20
10
20
30
40
3590 G03
50
60
VCTRL = 0V
TA = 25°C
TEMPERATURE (°C)
–50
25
18
14
–25
0
50
12
10
20
16
75
100
125
3590 G04
VCTRL = 0V
VIN = 48V
0
400
450
500
550
600
10
20
30
40
3590 G05
50
60
VIN (V)
VCTRL = 3.3V
TA = 25°C
TEMPERATURE (°C)
–50
25
1.0
–25
0
50
0.5
0
2.0
1.5
75
100
125
3590 G06
VIN = 48V
VIN = 24V
VIN = 4.5V
1μs/DIV
VSW
20V/DIV
IL
20mA/DIV
3590 G07
VIN = 48V
ILED = 50mA
10 WHITE LEDs
L = 470μH (COILCRAFT)
40μs/DIV
CTRL
5V/DIV
ILED
50mA/DIV
VSW
50V/DIV
IL
50mA/DIV
3590 G08
VIN = 48V
ILED = 50mA
10 BLUE LEDs
TYPICAL PERFORMANCE CHARACTERISTICS
Switch Saturation Voltage
(VCESAT)
Schottky Forward Voltage Drop
Shutdown Quiescent
Current vs VIN
Shutdown Quiescent Current
vs Temperature
Quiescent Current
Schottky Leakage Current
Switching Waveform
Transient Response


Podobny numer części - LCPB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
LCP-04 ETC2-LCP-04 Datasheet
66Kb / 4P
   Disconnectable Crimp style connectors
logo
Delta Electronics, Inc.
LCP-1250A4FDR DELTA-LCP-1250A4FDR Datasheet
256Kb / 14P
   RoHS Compliant Multimode SFP Transceiver for GbE and Fiber Channel
LCP-1250A4FSRA DELTA-LCP-1250A4FSRA Datasheet
309Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Gigabit Ethernet and Fiber Channel
LCP-1250A4QSRA DELTA-LCP-1250A4QSRA Datasheet
309Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Gigabit Ethernet and Fiber Channel
LCP-1250B4FSRA DELTA-LCP-1250B4FSRA Datasheet
309Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Gigabit Ethernet and Fiber Channel
More results

Podobny opis - LCPB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LT3491 LINER-LT3491 Datasheet
267Kb / 16P
   White LED Driver with Integrated Schottky in SC70 and 2mm 횞 2mm DFN
LT3590 LINER-LT3590_15 Datasheet
237Kb / 16P
   48V Buck Mode LED Driver in SC70
LT3498 LINER-LT3498 Datasheet
454Kb / 24P
   20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
logo
Sipex Corporation
SP7686 SIPEX-SP7686 Datasheet
1Mb / 16P
   Constant Current Flash Driver in DFN 2mm x 3mm
logo
Linear Technology
LT3048 LINER-LT3048_15 Datasheet
236Kb / 16P
   Low Noise Bias Generator in 2mm 2mm DFN
logo
Linear Integrated Syste...
LT3591EDDB LINEAR-LT3591EDDB Datasheet
274Kb / 16P
   White LED Driver with Integrated Schottky in 3mm 2mm DFN
logo
Texas Instruments
TPS61165 TI-TPS61165 Datasheet
503Kb / 21P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN Package
TPS61165 TI-TPS61165_10 Datasheet
862Kb / 26P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN and SOT-23 Packages
logo
Linear Technology
LT6660 LINER-LT6660_15 Datasheet
410Kb / 12P
   Tiny Micropower Precision Series References in 2mm 2mm DFN
logo
Texas Instruments
TPS61160DRVRG4 TI1-TPS61160DRVRG4 Datasheet
1Mb / 27P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com