Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

U1AFS1500-FG256 Arkusz danych(PDF) 10 Page - Actel Corporation

Numer części U1AFS1500-FG256
Szczegółowy opis  3 - DC and Power Characteristics
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ACTEL [Actel Corporation]
Strona internetowa  http://www.actel.com
Logo ACTEL - Actel Corporation

U1AFS1500-FG256 Arkusz danych(HTML) 10 Page - Actel Corporation

Back Button U1AFS1500-FG256 Datasheet HTML 6Page - Actel Corporation U1AFS1500-FG256 Datasheet HTML 7Page - Actel Corporation U1AFS1500-FG256 Datasheet HTML 8Page - Actel Corporation U1AFS1500-FG256 Datasheet HTML 9Page - Actel Corporation U1AFS1500-FG256 Datasheet HTML 10Page - Actel Corporation U1AFS1500-FG256 Datasheet HTML 11Page - Actel Corporation U1AFS1500-FG256 Datasheet HTML 12Page - Actel Corporation U1AFS1500-FG256 Datasheet HTML 13Page - Actel Corporation U1AFS1500-FG256 Datasheet HTML 14Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
DC and Power Characteristics
3- 10
Pr el iminar y v0 .4
Calculating Power Dissipation
Quiescent Supply Current
Table 3-8 •
Quiescent Supply Current Characteristics (IDDQ)
1
Parameter
Conditions and Modes
U1AFS250
U1AFS600
U1AFS1500
IDC1
Maximum in operating mode (85°C) 1
30 mA
45 mA
TBD
Maximum in operating mode (70°C) 1
20 mA
30 mA
TBD
Typical in operating mode (25°C) 1
3 mA
5 mA
TBD
IDC2
Typical in standby mode (25°C) 2,4
200 µA
200 µA
TBD
IDC3
Typical in sleep mode (25°C) 3,4
10 µA
10 µA
TBD
Notes:
1. IDC1 includes VCC, VPUMP, and VCCI, currents. Values do not include I/O static contribution, which is shown in
Table 3-9 on page 3-11 and Table 3-10 on page 3-13.
2. IDC2 represents the current from the VCC33A and VCCI supplies when the RTC (and the 32 kHz crystal
oscillator) is ON, the FPGA is OFF, and the voltage regulator is OFF.
3. IDC3 represents the current from the VCC33A and VCCI supplies when the RTC (and the crystal oscillator), the
FPGA, and the voltage regulator are OFF.
4. VCCI supply is ON, since the east and west I/O banks are not cold-sparable. Values do not include I/O static
contribution, which is shown in Table 3-9 on page 3-11 and Table 3-10 on page 3-13.


Podobny numer części - U1AFS1500-FG256

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Actel Corporation
U1AFS1500-FG256 ACTEL-U1AFS1500-FG256 Datasheet
8Mb / 17P
   Actel Fusion Mixed-Signal FPGA
U1AFS1500-FG256I ACTEL-U1AFS1500-FG256I Datasheet
8Mb / 17P
   Actel Fusion Mixed-Signal FPGA
More results

Podobny opis - U1AFS1500-FG256

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Xilinx, Inc
XC6VLX130T-1FF484I XILINX-XC6VLX130T-1FF484I Datasheet
2Mb / 65P
   DC and Switching Characteristics
VIRTEX-5FPGA XILINX-VIRTEX-5FPGA Datasheet
2Mb / 91P
   DC and Switching Characteristics
DS152 XILINX-DS152 Datasheet
1Mb / 56P
   DC and Switching Characteristics
XC3S100E XILINX-XC3S100E Datasheet
1Mb / 193P
   DC and Switching Characteristics
XC4VLX40-10FF1148C XILINX-XC4VLX40-10FF1148C Datasheet
1Mb / 58P
   DC and Switching Characteristics
XC4VLX100-11FF1148C XILINX-XC4VLX100-11FF1148C Datasheet
1Mb / 58P
   DC and Switching Characteristics
XC5VLX85-1FF676I XILINX-XC5VLX85-1FF676I Datasheet
2Mb / 91P
   DC and Switching Characteristics
XC6VLX130T-1FFG1156I XILINX-XC6VLX130T-1FFG1156I Datasheet
2Mb / 65P
   DC and Switching Characteristics
XC3S700A-4FTG256C XILINX-XC3S700A-4FTG256C Datasheet
5Mb / 132P
   DC and Switching Characteristics
logo
Altera Corporation
5M240ZT100C5N ALTERA-5M240ZT100C5N Datasheet
489Kb / 30P
   3. DC and Switching Characteristics for MAX V Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com