Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC-ACT-G704E1-VHD Arkusz danych(PDF) 3 Page - Actel Corporation

Numer części MC-ACT-G704E1-VHD
Szczegółowy opis  ISDN Terminal Equipment E2 Interface (multi G704 on chip) E1-ATM Interface
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ACTEL [Actel Corporation]
Strona internetowa  http://www.actel.com
Logo ACTEL - Actel Corporation

MC-ACT-G704E1-VHD Arkusz danych(HTML) 3 Page - Actel Corporation

  MC-ACT-G704E1-VHD Datasheet HTML 1Page - Actel Corporation MC-ACT-G704E1-VHD Datasheet HTML 2Page - Actel Corporation MC-ACT-G704E1-VHD Datasheet HTML 3Page - Actel Corporation MC-ACT-G704E1-VHD Datasheet HTML 4Page - Actel Corporation MC-ACT-G704E1-VHD Datasheet HTML 5Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Family
Device
Utilization
Performance
COMB
SEQ
Total
SX-A
SX32A-3
760 (42%)
510 (48%)
1270 (44%)
77 MHz
ProASICPLUS
APA150-STD
n/a
n/a
2212 (36%)
42 MHz
Axcelerator
AX500-3
695 (13%)
507 (19%)
1202 (15%)
79 MHz
Verification and Compliance
Complete functional and timing simulation has been performed on the G704-E1 Framer using ModelSim 5.5d. This core has also been used successfully in customer
designs.
Signal Descriptions
The following signal descriptions define the IO signals.
Signal
Direction
Description
ClkSys
Input
System clock: This is the only clock source for the whole G704-E1 core
resn
Input
Asynchronous System Reset: active low
CfgFSync.SyncMode[1:0]
Input
Configuration of Frame Synchronizer:
“00”: transparent (no FSync generated)
“01”: free run (generate dummy FSync)
“10”: use external FSync
“11”: fully automatic sync (G.706)
CfgFSync.ForceResync
Input
User controlled resync: When toggled form ‘0’ to ‘1’, a resync is initialized
CfgFSync.AutoResync
Input
Automatic resync after loss of sync: ‘1’: Automatic resync ON ( ‘0’: OFF )
CfgFSync.FAImprove_411
Input
‘0’: Improved BasicFrame alignment disabled ‘1’: Use improved BasicFrame
alignment procedure as in $4.1.1 of G.704/Note 1 (check FA bit 2 of nFAS
frames)
CfgFSync.MF_Mode
‘0’: MultiFrame alignment search disabled (only Basic-Frame search)
‘1’: MultiFrame alignment search enabled
CfgFSync.MF_SyncMode
Input
‘0’: use parallel BFA search (G.706)
‘1’: reuse primary BFA search (PTT simplified search path)
CfgFSync.MFA_Check
Input
‘0’: MultiFrame alignment loss checking process disabled
‘1’: MultiFrame alignment checking process enabled (if 3 consecutive MFA not
found while MFSyncState = InSync, then MFSyncState <= Hunt)
CfgFSync.CRC4_Mode
Input
‘0’: CRC4 Error limit of <= 915 disabled
‘1’: CRC4 Error limit checking enabled
CfgFan.CRC_CountEbl
Input
‘0’: CRC4 Error counter enabled
‘1’: CRC4 Error counter disabled
CfgFan.FAS_Count_Ebl
Input
‘0’: FAS Error counter enabled
‘1’: FAS Error counter disabled
CfgFan.E_Count_Ebl
Input
‘0’: E-Bit counter enabled
‘1’: E-Bit counter disabled
CfgOverhead.Si_E1
Input
E1 / Si of FAS frame
CfgOverhead.Si_E2
Input
E2 / Si of non FAS frame
CfgOverhead.A-Bit
Input
A-Bit
CfgOverhead.InsertEbl[4:0]
Input
Insert enable pattern related to Sa bits
CfgOverhead.saBitsMF[1:8][4:0]
Input
Sa4...Sa8 bits
Note: When FrameRef.MF.MFSyncState NOT = InSync, then only SaBitsMF(1)
will be inserted.
CfgFBuild.CRC4_MFMode
Input
‘0’: CRC4 MultiFrame Mode disabled
‘1’: CRC4 MultiFrame Mode enabled
CfgFBuild.BuildMode[1:0]
“0x”: transparent, “10”: synchronize BFA phase, “11”: generate BFA phase
(Note: when NOT transparent, a new MultiFrame is generated)
IntSrc_FSync.BFA.Sync
Output
Pulse @ ‘1’ when entering state InSync
IntSrc_FSync.BFA.SyncLoss
Output
Pulse @ ‘1’ when leaving state InSync
IntSrc_FSync.MFA.SyncEntry
Output
Pulse @ ‘1’ when entering state InSync
IntSrc_FSync.MFA.MFSync
Output
Pulse @ ‘1’ at begin of each MultiFrame


Podobny numer części - MC-ACT-G704E1-VHD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Actel Corporation
MC-ACT-16550-NET ACTEL-MC-ACT-16550-NET Datasheet
280Kb / 9P
   Two Wire Serial Interface (TWSI)
MC-ACT-16550-VLOG ACTEL-MC-ACT-16550-VLOG Datasheet
280Kb / 9P
   Two Wire Serial Interface (TWSI)
MC-ACT-6809 ACTEL-MC-ACT-6809 Datasheet
136Kb / 7P
   SoftwareCompatible6809CPU
MC-ACT-6809-NET ACTEL-MC-ACT-6809-NET Datasheet
136Kb / 7P
   SoftwareCompatible6809CPU
MC-ACT-6809-VHD ACTEL-MC-ACT-6809-VHD Datasheet
136Kb / 7P
   SoftwareCompatible6809CPU
More results

Podobny opis - MC-ACT-G704E1-VHD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PCA ELECTRONICS INC.
EPR1412SE PCA-EPR1412SE Datasheet
22Kb / 1P
   T1/E1/CEPT/ISDN Interface Transformer
EPR1413SE PCA-EPR1413SE Datasheet
26Kb / 1P
   T1/E1/CEPT/ISDN Interface Transformer
EPR1401G PCA-EPR1401G Datasheet
23Kb / 1P
   T1/E1/CEPT/ISDN-PRI Interface Transformers
logo
Pulse A Technitrol Comp...
T1219NLT PULSE-T1219NLT Datasheet
70Kb / 2P
   T1/E1/CEPT/ISDN-PRI INTERFACE MODULES
logo
Bothhand USA, LP.
S1220M BOTHHAND-S1220M Datasheet
69Kb / 1P
   T1/E1/CEPT/ISDN-PRI INTERFACE MODULES
logo
PCA ELECTRONICS INC.
EPA2749 PCA-EPA2749 Datasheet
32Kb / 1P
   T1/E1/CEPT/ISDN Interface Isolation Transformer
EPR1051G PCA-EPR1051G Datasheet
39Kb / 1P
   T1/E1/CEPT/ISDN-PRI Interface Transformers
logo
Pulse A Technitrol Comp...
T1207T PULSE-T1207T Datasheet
86Kb / 2P
   T1/E1/CEPT/ISDN-PRI INTERFACE MODULES
T1176NL PULSE-T1176NL Datasheet
613Kb / 2P
   T1/E1/CEPT/ISDN-PRI INTERFACE MODULES
logo
Rhombus Industries Inc.
T-15503 RHOMBUS-IND-T-15503 Datasheet
37Kb / 1P
   ATM Interface Transformers
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com