Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BY203-20S Arkusz danych(PDF) 3 Page - Vishay Siliconix

Numer części BY203-20S
Szczegółowy opis  Silicon Mesa Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BY203-20S Arkusz danych(HTML) 3 Page - Vishay Siliconix

  BY203-20S Datasheet HTML 1Page - Vishay Siliconix BY203-20S Datasheet HTML 2Page - Vishay Siliconix BY203-20S Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BY203/..S
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 2, 24-Jun-98
3 (3)
Document Number 86002
Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to
1. Meet all present and future national and international statutory requirements.
2. Regularly and continuously improve the performance of our products, processes, distribution and operating
systems
with respect to their impact on the health and safety of our employees and the public, as well as their impact on
the environment.
It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as
ozone depleting substances ( ODSs ).
The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and
forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban
on these substances.
Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of
ODSs listed in the following documents.
1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively
2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental
Protection Agency ( EPA ) in the USA
3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively.
Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting
substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice.
Parameters can vary in different applications. All operating parameters must be validated for each customer application
by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the
buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or
indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use.
Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423


Podobny numer części - BY203-20S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
BY203-20S VISHAY-BY203-20S Datasheet
116Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 13-Apr-05
logo
Gulf Semiconductor
BY203-20S GULFSEMI-BY203-20S Datasheet
85Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 2000V CURRENT: 0.25A
logo
Vishay Siliconix
BY203-20S VISHAY-BY203-20S Datasheet
113Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.8, 30-Jul-10
BY203-20S VISHAY-BY203-20S Datasheet
123Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.9, 12-Sep-12
BY203-20S VISHAY-BY203-20S Datasheet
128Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.9, 12-Sep-12
More results

Podobny opis - BY203-20S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
1N5059 VISHAY-1N5059 Datasheet
43Kb / 4P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BY448 VISHAY-BY448 Datasheet
36Kb / 3P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BYX82 VISHAY-BYX82 Datasheet
61Kb / 5P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BY268 VISHAY-BY268 Datasheet
37Kb / 3P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BYW52 VISHAY-BYW52 Datasheet
134Kb / 6P
   Silicon Mesa Rectifiers
Rev. 1.6, 14-Apr-05
BY228-13 VISHAY-BY228-13 Datasheet
37Kb / 3P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BYW82 VISHAY-BYW82 Datasheet
50Kb / 4P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BYT77 VISHAY-BYT77 Datasheet
43Kb / 4P
   Fast Silicon Mesa Rectifiers
Rev. 3, 07-Dec-99
BYV12 VISHAY-BYV12 Datasheet
48Kb / 4P
   Fast Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BYW32 VISHAY-BYW32 Datasheet
46Kb / 4P
   Fast Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com