Zakładka z wyszukiwarką danych komponentów |
|
BZW03D9V1 Arkusz danych(PDF) 4 Page - Vishay Siliconix |
|
BZW03D9V1 Arkusz danych(HTML) 4 Page - Vishay Siliconix |
4 / 5 page BZW03D... Vishay Telefunken Rev. 2, 01-Apr-99 4 (5) www.vishay.de • FaxBack +1-408-970-5600 Document Number 85603 Characteristics (Tj = 25_C unless otherwise specified) 37.5 50 3 2 50 7 94 9087 Figure 1. Epoxy glass hard tissue, board thickness 1.5 mm, RthJAx70 K/W 0 0 2 4 6 8 95 9608 40 80 120 160 Tamb – Ambient Temperature ( °C ) 200 ll TL=constant l=10mm see Fig.1 15mm 20mm Figure 2. Total Power Dissipation vs. Ambient Temperature 0 0.5 1.0 1.5 0 1 2 3 4 6 2.0 95 9609 VF – Forward Voltage ( V ) 5 Tj =25°C Figure 3. Forward Current vs. Forward Voltage 0.01 0.1 1 10 10 100 1000 10000 tp – Pulse Length ( ms ) 100 95 9610 tp Tj =25°C Figure 4. Non Repetitive Surge Power Dissipation vs. Pulse Length Dimensions in mm Cathode Identification ∅ 4.3 max. ∅ 1.35 max. 4.2 max. Sintered Glass Case SOD 64 Weight max. 1.0 g technical drawings according to DIN specifications 94 9587 26 min. 26 min. |
Podobny numer części - BZW03D9V1 |
|
Podobny opis - BZW03D9V1 |