Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BZW03D47 Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części BZW03D47
Szczegółowy opis  Silicon Z-Diodes and Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZW03D47 Arkusz danych(HTML) 1 Page - Vishay Siliconix

  BZW03D47 Datasheet HTML 1Page - Vishay Siliconix BZW03D47 Datasheet HTML 2Page - Vishay Siliconix BZW03D47 Datasheet HTML 3Page - Vishay Siliconix BZW03D47 Datasheet HTML 4Page - Vishay Siliconix BZW03D47 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BZW03D...
Vishay Telefunken
Rev. 2, 01-Apr-99
1 (5)
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 85603
Silicon Z–Diodes and Transient Voltage Suppressors
Features
D Glass passivated junction
D Hermetically sealed package
D Clamping sealed package
Applications
Voltage regulators and transient suppression circuits
94 9588
Absolute Maximum Ratings
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Value
Unit
Power dissipation
l=10mm, TL=25°C
PV
6.0
W
Tamb=45°C
PV
1.85
W
Repetitive peak reverse power dissipation
PZRM
20
W
Non repetitive peak surge power dissipation
tp=100ms, Tj=25°C
PZSM
1000
W
Junction temperature
Tj
175
°C
Storage temperature range
Tstg
–65...+175
°C
Maximum Thermal Resistance
Tj = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Junction ambient
l=25mm, TL=constant
RthJA
30
K/W
on PC board with spacing 37.5mm
RthJA
70
K/W
Electrical Characteristics
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
IF=1A
VF
1.2
V


Podobny numer części - BZW03D47

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
BZW03D47 VISHAY-BZW03D47 Datasheet
122Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 1.4, 13-Apr-05
BZW03D47 VISHAY-BZW03D47 Datasheet
101Kb / 5P
   Zener Diodes with Surge Current Specification
Rev. 1.5, 26-Aug-10
logo
New Jersey Semi-Conduct...
BZW03D47 NJSEMI-BZW03D47 Datasheet
269Kb / 3P
   Zener Diodes with Surge Current Specification
More results

Podobny opis - BZW03D47

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
BZT03C VISHAY-BZT03C Datasheet
67Kb / 5P
   Silicon Z-Diodes and Transient Voltage Suppressors
Rev. 2, 01-Apr-99
logo
Frontier Electronics.
BZT03C6V2 FRONTIER-BZT03C6V2 Datasheet
142Kb / 4P
   SILICON Z-DIODES AND TRANSIENT VOLTAGE SUPPRESSORS
logo
SEMTECH ELECTRONICS LTD...
BZT03C7V5 SEMTECH_ELEC-BZT03C7V5 Datasheet
259Kb / 4P
   SILICON Z-DIODES AND TRANSIENT VOLTAGE SUPPRESSORS
logo
Vishay Siliconix
BZT03D VISHAY-BZT03D Datasheet
67Kb / 5P
   Silicon Z-Diodes and Transient Voltage Suppressors
Rev. 2, 01-Apr-99
BZW03C VISHAY-BZW03C Datasheet
64Kb / 5P
   Silicon Z-Diodes and Transient Voltage Suppressors
Rev. 2, 01-Apr-99
logo
Shanghai Leiditech Elec...
5KP5.0A LEIDITECH-5KP5.0A Datasheet
409Kb / 5P
   Transient Voltage Suppressors Diodes
SA5.0 LEIDITECH-SA5.0 Datasheet
689Kb / 5P
   Transient Voltage Suppressors Diodes
SMDJ200A LEIDITECH-SMDJ200A Datasheet
793Kb / 5P
   Transient Voltage Suppressors Diodes
P6KE6.8A LEIDITECH-P6KE6.8A Datasheet
1Mb / 5P
   Transient Voltage Suppressors Diodes
5KP200A LEIDITECH-5KP200A Datasheet
409Kb / 5P
   Transient Voltage Suppressors Diodes
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com