Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDSL1160 Arkusz danych(PDF) 6 Page - Vishay Siliconix

Numer części TDSL1160
Szczegółowy opis  Low Current 7 mm Seven Segment Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TDSL1160 Arkusz danych(HTML) 6 Page - Vishay Siliconix

  TDSL1160 Datasheet HTML 1Page - Vishay Siliconix TDSL1160 Datasheet HTML 2Page - Vishay Siliconix TDSL1160 Datasheet HTML 3Page - Vishay Siliconix TDSL1160 Datasheet HTML 4Page - Vishay Siliconix TDSL1160 Datasheet HTML 5Page - Vishay Siliconix TDSL1160 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Legal Disclaimer Notice
Vishay
Document Number: 91000
www.vishay.com
Revision: 08-Apr-05
1
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc.,
or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies.
Information contained herein is intended to provide a product description only. No license, express or implied, by
estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's
terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express
or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness
for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications.
Customers using or selling these products for use in such applications do so at their own risk and agree to fully
indemnify Vishay for any damages resulting from such improper use or sale.


Podobny numer części - TDSL1160

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
TDSL1160 VISHAY-TDSL1160 Datasheet
155Kb / 9P
   Low Current 7 mm Seven Segment Display
Rev. 1.5, 25-Jan-10
TDSL1160 VISHAY-TDSL1160 Datasheet
152Kb / 9P
   Low Current 7 mm 7-Segment Display
01-Jan-2022
TDSL1160 VISHAY-TDSL1160 Datasheet
151Kb / 9P
   Low Current 7 mm 7-Segment Display
01-Jan-2023
More results

Podobny opis - TDSL1160

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
TDSL1150 VISHAY-TDSL1150_10 Datasheet
155Kb / 9P
   Low Current 7 mm Seven Segment Display
Rev. 1.5, 25-Jan-10
TDSR115 VISHAY-TDSR115 Datasheet
126Kb / 9P
   7 mm Seven Segment Display
Rev. A1, 02-Jun-99
TDSL3150 VISHAY-TDSL3150 Datasheet
74Kb / 6P
   Low Current 10 mm Seven Segment Display
Rev. A1, 02-Jun-99
TDSL5150 VISHAY-TDSL5150 Datasheet
76Kb / 7P
   Low Current 13 mm Seven Segment Display
Rev. A1, 02-Jun-99
TDSL51.0 VISHAY-TDSL51.0 Datasheet
108Kb / 6P
   Low Current 13 mm Seven Segment Display
Rev. A2, 05-Oct-00
TDSL5150 VISHAY-TDSL5150_11 Datasheet
144Kb / 9P
   Low Current 13 mm Seven-Segment Display
Rev. 1.5, 26-Jul-11
TDSL3150 VISHAY-TDSL3150_10 Datasheet
145Kb / 9P
   Low Current 10 mm Seven Segment Display
Rev. 1.4, 22-Jan-10
TDSL11 VISHAY-TDSL11_V01 Datasheet
152Kb / 9P
   Low Current 7 mm 7-Segment Display
01-Jan-2022
TDSL1150 VISHAY-TDSL1150_V01 Datasheet
151Kb / 9P
   Low Current 7 mm 7-Segment Display
01-Jan-2023
TDSL5150 VISHAY-TDSL5150_V01 Datasheet
141Kb / 9P
   Low Current 13 mm 7-Segment Display
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com