Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDSL3150 Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części TDSL3150
Szczegółowy opis  Low Current 10 mm Seven Segment Display
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TDSL3150 Arkusz danych(HTML) 1 Page - Vishay Siliconix

  TDSL3150 Datasheet HTML 1Page - Vishay Siliconix TDSL3150 Datasheet HTML 2Page - Vishay Siliconix TDSL3150 Datasheet HTML 3Page - Vishay Siliconix TDSL3150 Datasheet HTML 4Page - Vishay Siliconix TDSL3150 Datasheet HTML 5Page - Vishay Siliconix TDSL3150 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TDSL31.0
Vishay Telefunken
1 (6)
Rev. A1, 02-Jun-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83122
Low Current 10 mm Seven Segment Display
Color
Type
Circuitry
High efficiency red
TDSL3150
Common anode
High efficiency red
TDSL3160
Common cathode
Description
The TDSL31.0 series are 10 mm character seven
segment low current LED displays in a very compact
package.
The displays are designed for a viewing distance up to
6 meters and available in high efficiency red. The grey
package surface and the evenly lighted untinted
segments provide an optimum on-off contrast.
All displays are categorized in luminous intensity
groups. That allows users to assemble displays with
uniform appearence.
Typical
applications
include
instruments,
panel
meters,
point-of-sale
terminals
and
household
equipment.
Features
D Low power consumption
D Suitable for DC and multiplex operation
D Evenly lighted segments
D Grey package surface
D Untinted segments
D Luminous intensity categorized
D Wide viewing angle
96 11507
Applications
Panel meters
Test- and measure- equipment
Point-of-sale terminals
Control units


Podobny numer części - TDSL3150

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
TDSL3150 VISHAY-TDSL3150 Datasheet
145Kb / 9P
   Low Current 10 mm Seven Segment Display
Rev. 1.4, 22-Jan-10
TDSL3150 VISHAY-TDSL3150 Datasheet
145Kb / 9P
   Low Current 10 mm Seven Segment Display
Rev. 1.4, 22-Jan-10
TDSL3150 VISHAY-TDSL3150 Datasheet
111Kb / 7P
   Low Current 10 mm 7-Segment Display
01-Jan-2022
TDSL3150 VISHAY-TDSL3150 Datasheet
110Kb / 7P
   Low Current 10 mm 7-Segment Display
01-Jan-2023
TDSL3150 VISHAY-TDSL3150_10 Datasheet
145Kb / 9P
   Low Current 10 mm Seven Segment Display
Rev. 1.4, 22-Jan-10
More results

Podobny opis - TDSL3150

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
TDSL3150 VISHAY-TDSL3150_10 Datasheet
145Kb / 9P
   Low Current 10 mm Seven Segment Display
Rev. 1.4, 22-Jan-10
TDSR315 VISHAY-TDSR315 Datasheet
119Kb / 9P
   10 mm Seven Segment Display
Rev. A1, 02-Jun-99
TDSL1150 VISHAY-TDSL1150 Datasheet
169Kb / 6P
   Low Current 7 mm Seven Segment Display
Rev. 1.4, 31-Aug-04
TDSL5150 VISHAY-TDSL5150 Datasheet
76Kb / 7P
   Low Current 13 mm Seven Segment Display
Rev. A1, 02-Jun-99
TDSL51.0 VISHAY-TDSL51.0 Datasheet
108Kb / 6P
   Low Current 13 mm Seven Segment Display
Rev. A2, 05-Oct-00
TDSL1150 VISHAY-TDSL1150_10 Datasheet
155Kb / 9P
   Low Current 7 mm Seven Segment Display
Rev. 1.5, 25-Jan-10
TDSL5150 VISHAY-TDSL5150_11 Datasheet
144Kb / 9P
   Low Current 13 mm Seven-Segment Display
Rev. 1.5, 26-Jul-11
TDSL31 VISHAY-TDSL31_V01 Datasheet
111Kb / 7P
   Low Current 10 mm 7-Segment Display
01-Jan-2022
TDSL3150 VISHAY-TDSL3150_V01 Datasheet
110Kb / 7P
   Low Current 10 mm 7-Segment Display
01-Jan-2023
logo
Siemens Semiconductor G...
HDN1075O SIEMENS-HDN1075O Datasheet
511Kb / 5P
   SEVEN SEGMENT DISPLAY 7MM LOW CURRENT VERSION
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com