Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDSY315 Arkusz danych(PDF) 4 Page - Vishay Siliconix

Numer części TDSY315
Szczegółowy opis  10 mm Seven Segment Display
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TDSY315 Arkusz danych(HTML) 4 Page - Vishay Siliconix

  TDSY315 Datasheet HTML 1Page - Vishay Siliconix TDSY315 Datasheet HTML 2Page - Vishay Siliconix TDSY315 Datasheet HTML 3Page - Vishay Siliconix TDSY315 Datasheet HTML 4Page - Vishay Siliconix TDSY315 Datasheet HTML 5Page - Vishay Siliconix TDSY315 Datasheet HTML 6Page - Vishay Siliconix TDSY315 Datasheet HTML 7Page - Vishay Siliconix TDSY315 Datasheet HTML 8Page - Vishay Siliconix TDSY315 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TDS.31..
Vishay Telefunken
4 (9)
Rev. A1, 02-Jun-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83125
Typical Characteristics (Tamb = 25_C, unless otherwise specified)
0
20
406080
0
100
200
300
400
500
Tamb – Ambient Temperature ( °C )
100
95 11479
Figure 1. Power Dissipation vs. Ambient Temperature
0
10
20
30
40
60
0
20
406080
Tamb – Ambient Temperature ( °C )
100
95 11480
50
Red
Figure 2. Forward Current vs. Ambient Temperature
0.4
0.2
0
0.2
0.4
0.6
95 10082
0.6
0.9
0.8
0
°
30
°
10
°
20
°
40
°
50
°
60
°
70
°
80
°
0.7
1.0
Figure 3. Rel. Luminous Intensity vs.
Angular Displacement
1
1.5
2
2.5
3
95 10073
0.1
1
10
100
1000
VF – Forward Voltage ( V )
Red
tp/T=0.001
tp=10ms
Figure 4. Forward Current vs. Forward Voltage
0
0
0.4
0.8
1.2
1.6
95 10074
20
40
60
80
100
Tamb – Ambient Temperature ( °C )
Red
IF=10mA
Figure 5. Rel. Luminous Intensity vs.
Ambient Temperature
10
20
50
100
200
0
0.4
0.8
1.2
1.6
2.4
95 10075
500
0.5
0.2
0.1
0.05
0.02
1
IF(mA)
tp/T
2.0
Red
IFAV=10mA, const.
Figure 6. Rel. Lumin. Intensity vs.
Forw. Current/Duty Cycle


Podobny numer części - TDSY315

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TEMIC Semiconductors
TDSY315 TEMIC-TDSY315 Datasheet
129Kb / 9P
   13 mm Seven Segment Display
logo
Vishay Siliconix
TDSY315./316. VISHAY-TDSY315./316. Datasheet
149Kb / 9P
   Standard 7- Segment Display 13 mm
Rev. A2, 05-Oct-00
TDSY3150 VISHAY-TDSY3150 Datasheet
163Kb / 12P
   Standard 7-Segment Display 10 mm
Rev. 1.6, 23-May-11
TDSY3150 VISHAY-TDSY3150 Datasheet
129Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2022
TDSY3150 VISHAY-TDSY3150 Datasheet
127Kb / 10P
   Standard 7-Segment Display 10 mm
01-Jan-2022
More results

Podobny opis - TDSY315

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
TDSL3150 VISHAY-TDSL3150 Datasheet
74Kb / 6P
   Low Current 10 mm Seven Segment Display
Rev. A1, 02-Jun-99
TDSL3150 VISHAY-TDSL3150_10 Datasheet
145Kb / 9P
   Low Current 10 mm Seven Segment Display
Rev. 1.4, 22-Jan-10
TDSR115 VISHAY-TDSR115 Datasheet
126Kb / 9P
   7 mm Seven Segment Display
Rev. A1, 02-Jun-99
TDSR515 VISHAY-TDSR515 Datasheet
120Kb / 10P
   13 mm Seven Segment Display
Rev. A1, 02-Jun-99
logo
TEMIC Semiconductors
TDSR515 TEMIC-TDSR515 Datasheet
129Kb / 9P
   13 mm Seven Segment Display
logo
LUMEX INC.
LDD-SMA5604RI-SI LUMEX-LDD-SMA5604RI-SI Datasheet
65Kb / 1P
   Seven Segment Display
logo
Kingbright Corporation
SA50-21EWA KINGBRIGHT-SA50-21EWA Datasheet
91Kb / 3P
   14.2 MM (0.50 INCH) SEVEN SEGMENT DISPLAY
logo
Vishay Siliconix
TDSL1150 VISHAY-TDSL1150 Datasheet
169Kb / 6P
   Low Current 7 mm Seven Segment Display
Rev. 1.4, 31-Aug-04
TDSL5150 VISHAY-TDSL5150 Datasheet
76Kb / 7P
   Low Current 13 mm Seven Segment Display
Rev. A1, 02-Jun-99
TDSL51.0 VISHAY-TDSL51.0 Datasheet
108Kb / 6P
   Low Current 13 mm Seven Segment Display
Rev. A2, 05-Oct-00
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com