Zakładka z wyszukiwarką danych komponentów |
|
FDD15-0515T1 Arkusz danych(PDF) 2 Page - Chinfa Electronics Ind. Co., Ltd. |
|
FDD15-0515T1 Arkusz danych(HTML) 2 Page - Chinfa Electronics Ind. Co., Ltd. |
2 / 3 page sales@chinfa.com FDD15 SERIES Characteristics Conditions min. typ. max. unit Switching frequency Isolation voltage Isolation resistance Ambient temperature Case temperature Vi nom, Io nom Input / Output Input / Output, @ 500VDC Operating at Vi nom, Io nom Operating at Vi nom, Io nom KHz 1,500 VDC 1G -10 + 50 oC + 95 oC Characteristics Conditions min. unit Output voltage accuracy Minimum load Line regulation Vi nom, Io nom Vi min ...Vi max, Io nom typ. max. 2 % Storage temperature Non operational -40 +100 180 Input reversed Shunt diode built in, external fuse recommended Output short circuit Continuous Remote ON / OFF ON: opened or 8 ~ 10VDC applied, reference to input GND OFF: -0.3 ~ 2VDC applied, Reference to input GND Vi nom + 5V 12V or 15V + 5V 12V or 15V 10 20 2 6 2 % % % % % Load regulation o % / C mV Temperature coefficient Ripple & noise Transient recovery time Vi nom, Io min ...Io nom Vi nom, Io nom, BW = 20MHz Vi nom, Io nom Vi nom, Io nom ... 1/2 Io nom + 5V 12V or 15V 500 2 6 0.02 % % S Vout x 1% TRIPLE OUTPUT oC Derating o % / C Vi nom 48 Characteristics Conditions min. typ. max. unit Input voltage range 9 18 24 18 36 VDC VDC Ta min ... Ta max, Io nom 48 No load input current 24V models 48V models 28 22 mA mA Vi nom, Io = 0 Input voltage w/o damage 20 75 VDC VDC Io nom 24V models 48V models 12V models 12V models 36 12 72 15 40 VDC mA VDC Input filter LC type INPUT SPECIFICATIONS Efficiency Vi nom, Io nom, Po / Pi Up to 80%, See model list OUTPUT SPECIFICATIONS 12V or 15V 2 6 % % CONTROL AND PROTECTION o All Specifications Typical At Nominal Line, Full Load, 25 C Unless Otherwise Noticed SPECIFICATION + 5V www.chinfa.com See derating curve Dimension L50.8 x W50.8 x H11.9 mm Cooling Free air convection Case material Metal GENERAL 2007.08.30 |
Podobny numer części - FDD15-0515T1 |
|
Podobny opis - FDD15-0515T1 |