Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L-11502 Arkusz danych(PDF) 1 Page - Rhombus Industries Inc.

Numer części L-11502
Szczegółowy opis  Low Power Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RHOMBUS-IND [Rhombus Industries Inc.]
Strona internetowa  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

L-11502 Arkusz danych(HTML) 1 Page - Rhombus Industries Inc.

  L-11502 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Tel: (714) 898-0960 • Fax: (714) 896-0971
Rhombus
Industries Inc.
Designed for General Purpose Applications such as Low
Power Ripple Filters, or where Inductance Stability with
variation in load currents is required.
Horizontal and Vertical Package Styles
Low Power Inductors
Physical Dimensions
inches (mm)
Horizontal
Vertical
Footprint
(Horiz. & Vert.)
Schematic
1
4
Horiz.
Vert.
L
I *
ET
DCR
Energy
Test Volts
Part
Part
Typ.
DC
Typ.
Max.
Typ.
1 kHz (No DC)
Number
Number
( µH )
( Amps )
( V-
µS )
( Ω )
( µJ )
( mV )
L-11500
L-11520
150
1.70
80
0.36
215
50
L-11501
L-11521
220
1.50
90
0.38
240
70
L-11502
L-11522
330
1.00
100
0.74
165
80
L-11503
L-11523
470
0.90
120
1.10
190
100
L-11504
L-11524
680
0.85
175
1.25
245
120
L-11505
L-11525
820
0.75
175
2.30
230
130
L-11506
L-11526
1000
0.50
175
2.40
125
140
* Rated for 40OC Temp. Rise
Operating Temperature Range:
-400C to +850C
Electrical Specifications at 25OC
www.rhombus-ind.com


Podobny numer części - L-11502

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kingbright Corporation
L-1154G KINGBRIGHT-L-1154G Datasheet
173Kb / 5P
   T-1 (3mm) SOLID STATE LAMPS
L-1154GD KINGBRIGHT-L-1154GD Datasheet
173Kb / 5P
   T-1 (3mm) SOLID STATE LAMPS
L-1154GT KINGBRIGHT-L-1154GT Datasheet
173Kb / 5P
   T-1 (3mm) SOLID STATE LAMPS
L-1154ID KINGBRIGHT-L-1154ID Datasheet
173Kb / 5P
   T-1 (3mm) SOLID STATE LAMPS
L-1154IT KINGBRIGHT-L-1154IT Datasheet
173Kb / 5P
   T-1 (3mm) SOLID STATE LAMPS
More results

Podobny opis - L-11502

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rhombus Industries Inc.
L-365 RHOMBUS-IND-L-365 Datasheet
21Kb / 1P
   Low Power Inductors
logo
Superworld Electronics
SPS3012FT SUPERWORLD-SPS3012FT Datasheet
254Kb / 5P
   Low Profile Power Inductors
SPS3020FT SUPERWORLD-SPS3020FT Datasheet
248Kb / 5P
   Low Profile Power Inductors
logo
Nuvotem Talema
DPO-0.5-470 TALEMA-DPO-0.5-470 Datasheet
105Kb / 4P
   Low Cost Power Inductors
logo
Cooper Bussmann, Inc.
DR1040-1R5-R COOPER-DR1040-1R5-R Datasheet
175Kb / 3P
   Low Profile Power Inductors
logo
List of Unclassifed Man...
MT-51900 ETC-MT-51900 Datasheet
1Mb / 1P
   STANDARD LOW POWER INDUCTORS
logo
Superworld Electronics
SPS5012FTR47N SUPERWORLD-SPS5012FTR47N Datasheet
303Kb / 8P
   Low Profile Power Inductors
SPC4018FT-R56NZF SUPERWORLD-SPC4018FT-R56NZF Datasheet
848Kb / 7P
   Low Profile Power Inductors
SPS8040N1R0YF SUPERWORLD-SPS8040N1R0YF Datasheet
1Mb / 7P
   LOW PROFILE POWER INDUCTORS
SPA252010HFR16M SUPERWORLD-SPA252010HFR16M Datasheet
307Kb / 8P
   Low Profile Power Inductors
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com