Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L-11787 Arkusz danych(PDF) 1 Page - Rhombus Industries Inc.

Numer części L-11787
Szczegółowy opis  Small Toroid RF Chokes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RHOMBUS-IND [Rhombus Industries Inc.]
Strona internetowa  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

L-11787 Arkusz danych(HTML) 1 Page - Rhombus Industries Inc.

  L-11787 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transformers & Magnetic Products
Rhombus
Industries Inc.
Specifications are subject to change without notice
MINI-T - 5/97
15801 Chemical Lane
Huntington Beach, California 92649-1595
Phone: (714) 898-0960 l FAX: (714) 896-0971
29
L
Q
DCR
IDC
Part
µΗ
mA
Pkg.
Number
± 20 %
Min.
Max.
Max.
Code
L-11750
10
75
1.1
550
MT2
L-11751
12
75
1.3
500
MT2
L-11752
15
75
1.5
450
MT2
L-11753
18
80
1.9
410
MT2
L-11754
22
80
2.3
380
MT2
L-11755
27
80
2.7
350
MT2
L-11756
33
80
3.3
320
MT2
L-11757
39
80
3.9
290
MT2
L-11758
47
80
4.7
260
MT2
L-11759
56
80
5.6
240
MT2
L-11760
68
80
6.8
220
MT2
L-11761
82
80
8.1
200
MT2
L-11762
100
80
9.7
180
MT2
L-11763
120
45
12
160
MT2
L-11764
150
45
14
150
MT2
L-11765
180
45
17
140
MT2
L-11766
220
50
20
130
MT2
L-11767
270
55
24
120
MT2
L-11768
330
55
19
130
MT2
L-11769
390
55
22
120
MT2
Code
L
W
H
MT1
0.210
0.110
0.230
(5.33)
(2.79)
(5.84)
MT2
0.270
0.150
0.280
(6.86)
(3.81)
(7.11)
MT3
0.385
0.195
0.395
(9.78)
(4.95)
(10.03)
Miniature Two Lead Thru-hole Packages
Excellent Electrical Performance - High Q
L
H
W
Small Toroid
RF Chokes
L
Q
DCR
IDC
Part
µΗ
mA
Pkg.
Number
± 20 %
Min.
Max.
Max.
Code
L-11714
0.15
80
0.06
1800
MT1
L-11715
0.18
80
0.07
1600
MT1
L-11716
0.22
80
0.08
1500
MT1
L-11717
0.27
80
0.10
1400
MT1
L-11718
0.33
80
0.12
1300
MT1
L-11719
0.39
80
0.15
1150
MT1
L-11720
0.47
80
0.20
1000
MT1
L-11721
0.56
70
0.25
900
MT1
L-11722
0.68
70
0.30
800
MT1
L-11723
0.82
70
0.35
750
MT1
L-11724
1.00
70
0.40
700
MT1
L-11727
0.15
60
0.06
1800
MT1
L-11728
0.18
60
0.07
1600
MT1
L-11729
0.22
65
0.08
1500
MT1
L-11730
0.27
65
0.10
1400
MT1
L-11731
0.33
65
0.11
1300
MT1
L-11732
0.39
65
0.14
1200
MT1
L-11733
0.47
65
0.17
1100
MT1
L-11734
0.56
70
0.22
1000
MT1
L-11735
0.68
70
0.27
900
MT1
L-11736
0.82
70
0.30
800
MT1
L-11737
1.00
70
0.35
750
MT1
L-11738
1.20
60
0.40
700
MT1
L-11739
1.50
60
0.50
630
MT1
L-11740
1.80
60
0.70
530
MT1
L-11741
2.20
60
0.90
470
MT1
L-11742
2.70
60
1.10
420
MT1
L-11743
3.30
60
1.30
390
MT1
L-11744
3.90
60
1.50
360
MT1
L-11745
4.70
60
1.80
330
MT1
L-11746
5.60
60
2.00
310
MT1
L-11747
6.80
60
2.20
300
MT1
L-11748
8.20
60
2.40
290
MT1
L-11749
10.0
60
2.60
280
MT1
L
Q
DCR
IDC
Part
µΗ
mA
Pkg.
Number
± 20 %
Min.
Max.
Max.
Code
L-11775
100
75
6
280
MT3
L-11776
120
75
7
260
MT3
L-11777
150
75
8
240
MT3
L-11778
180
75
10
220
MT3
L-11779
220
80
12
200
MT3
L-11780
270
80
14
180
MT3
L-11781
330
80
17
160
MT3
L-11782
390
80
20
150
MT3
L-11783
470
75
24
140
MT3
L-11784
560
75
28
130
MT3
L-11785
680
75
33
120
MT3
L-11786
820
75
39
110
MT3
L-11787
1000
75
45
100
MT3
L-11788
1200
45
31
120
MT3
L-11789
1500
45
37
110
MT3
L-11790
1800
50
44
100
MT3
L-11791
2200
50
52
90
MT3
L-11792
2700
50
61
85
MT3
L-11793
3300
50
71
80
MT3
L-11794
3900
50
82
75
MT3
Dimensions in inches (mm)
Applications Include
Satellite Communications
Microwave Equipment
Broadcast TV
Cable TV Systems
Test Equipment
AM/FM Radio
Receivers/Transmitters
Scanners
1
2
Schematic


Podobny numer części - L-11787

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rhombus Industries Inc.
L-11780F RHOMBUS-IND-L-11780F Datasheet
19Kb / 1P
   Small Toroid RF Chokes
L-11781F RHOMBUS-IND-L-11781F Datasheet
19Kb / 1P
   Small Toroid RF Chokes
L-11782F RHOMBUS-IND-L-11782F Datasheet
19Kb / 1P
   Small Toroid RF Chokes
More results

Podobny opis - L-11787

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rhombus Industries Inc.
L-11782F RHOMBUS-IND-L-11782F Datasheet
19Kb / 1P
   Small Toroid RF Chokes
L-11781F RHOMBUS-IND-L-11781F Datasheet
19Kb / 1P
   Small Toroid RF Chokes
L-11780F RHOMBUS-IND-L-11780F Datasheet
19Kb / 1P
   Small Toroid RF Chokes
L-11759 RHOMBUS-IND-L-11759 Datasheet
17Kb / 1P
   Small Toroid RF Chokes
logo
Allied Components Inter...
TC220 ALLIED-TC220 Datasheet
1Mb / 1P
   Toroid Chokes
TC220HT ALLIED-TC220HT Datasheet
1Mb / 1P
   Toroid Chokes High Temp
logo
Coilcraft lnc.
DMT COILCRAFT-DMT_13 Datasheet
312Kb / 2P
   Output Power Chokes ??Toroid Styles
logo
List of Unclassifed Man...
HM19 ETC1-HM19 Datasheet
115Kb / 2P
   Toroid Style Common-Mode Chokes
logo
Coilcraft lnc.
DMT2-20-12L COILCRAFT-DMT2-20-12L Datasheet
348Kb / 2P
   Output Power Chokes - Toroid Styles
logo
Bi technologies
HM19 BITECH-HM19 Datasheet
115Kb / 2P
   Toroid Style Common-Mode Chokes
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com