Zakładka z wyszukiwarką danych komponentów |
|
CD4066BF3A Arkusz danych(PDF) 3 Page - Texas Instruments |
|
|
CD4066BF3A Arkusz danych(HTML) 3 Page - Texas Instruments |
3 / 20 page CD4066B CMOS QUAD BILATERAL SWITCH SCHS051D – NOVEMBER 1998 – REVISED SEPTEMBER 2003 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature (unless otherwise noted)† DC supply-voltage range, VDD (voltages referenced to VSS terminal) –0.5 V to 20 V . . . . . . . . . . . . . . . . . . . . Input voltage range, Vis (all inputs) –0.5 V to VDD + 0.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . DC input current, IIN (any one input) ±10 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Note 1): E package 80 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . M package 86 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . NS package 76 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PW package 113 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Lead temperature (during soldering): At distance 1/16 ± 1/32 inch (1,59 ± 0,79 mm) from case for 10 s max 265 °C . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg –65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTE 1: The package thermal impedance is calculated in accordance with JESD 51-7. recommended operating conditions MIN MAX UNIT VDD Supply voltage 3 18 V TA Operating free-air temperature –55 125 °C |
Podobny numer części - CD4066BF3A |
|
Podobny opis - CD4066BF3A |