Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD4085B Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części CD4085B
Szczegółowy opis  CMOS DUAL 2-WIDE 2-INPUT AND-OR-INVERT GATE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

CD4085B Arkusz danych(HTML) 5 Page - Texas Instruments

  CD4085B Datasheet HTML 1Page - Texas Instruments CD4085B Datasheet HTML 2Page - Texas Instruments CD4085B Datasheet HTML 3Page - Texas Instruments CD4085B Datasheet HTML 4Page - Texas Instruments CD4085B Datasheet HTML 5Page - Texas Instruments CD4085B Datasheet HTML 6Page - Texas Instruments CD4085B Datasheet HTML 7Page - Texas Instruments CD4085B Datasheet HTML 8Page - Texas Instruments CD4085B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
CD4085BE
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
CD4085BF
ACTIVE
CDIP
J
14
1
None
Call TI
Level-NC-NC-NC
CD4085BF3A
ACTIVE
CDIP
J
14
1
None
Call TI
Level-NC-NC-NC
CD4085BM
ACTIVE
SOIC
D
14
50
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
CD4085BM96
ACTIVE
SOIC
D
14
2500
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
CD4085BMT
ACTIVE
SOIC
D
14
250
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
CD4085BNSR
ACTIVE
SO
NS
14
2000
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
CD4085BPW
ACTIVE
TSSOP
PW
14
90
Pb-Free
(RoHS)
CU NIPDAU
Level-1-250C-UNLIM
CD4085BPWR
ACTIVE
TSSOP
PW
14
2000
Pb-Free
(RoHS)
CU NIPDAU
Level-1-250C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - May not be currently available - please check http://www.ti.com/productcontent for the latest availability information and additional
product content details.
None: Not yet available Lead (Pb-Free).
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean "Pb-Free" and in addition, uses package materials that do not contain halogens,
including bromine (Br) or antimony (Sb) above 0.1% of total product weight.
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDECindustry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
28-Feb-2005
Addendum-Page 1


Podobny numer części - CD4085B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD4085B TI1-CD4085B Datasheet
892Kb / 15P
[Old version datasheet]   Cmos Dual 2-Wide 2-Input AND-OR-INVERT Gate
CD4085B-MIL TI1-CD4085B-MIL Datasheet
892Kb / 15P
[Old version datasheet]   Cmos Dual 2-Wide 2-Input AND-OR-INVERT Gate
CD4085BE TI1-CD4085BE Datasheet
892Kb / 15P
[Old version datasheet]   Cmos Dual 2-Wide 2-Input AND-OR-INVERT Gate
CD4085BEE4 TI1-CD4085BEE4 Datasheet
892Kb / 15P
[Old version datasheet]   Cmos Dual 2-Wide 2-Input AND-OR-INVERT Gate
CD4085BF TI1-CD4085BF Datasheet
892Kb / 15P
[Old version datasheet]   Cmos Dual 2-Wide 2-Input AND-OR-INVERT Gate
More results

Podobny opis - CD4085B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CD4085BMS INTERSIL-CD4085BMS Datasheet
78Kb / 9P
   CMOS Dual 2 Wide 2 Input AND-OR-INVERT Gate
December 1992
logo
Texas Instruments
CD4085B TI1-CD4085B_15 Datasheet
892Kb / 15P
[Old version datasheet]   Cmos Dual 2-Wide 2-Input AND-OR-INVERT Gate
logo
STMicroelectronics
M74HC51 STMICROELECTRONICS-M74HC51 Datasheet
62Kb / 9P
   DUAL 2 WIDE 2 INPUT AND/OR INVERT GATE
August 2001
logo
Fairchild Semiconductor
DM74S51 FAIRCHILD-DM74S51 Datasheet
34Kb / 3P
   Dual 2-Wide 2-Input AND-OR-INVERT Gate
logo
NXP Semiconductors
HEF4085B PHILIPS-HEF4085B Datasheet
29Kb / 3P
   Dual 2-wide 2-input AND-OR-invert gate
January 1995
logo
STMicroelectronics
M54HC51 STMICROELECTRONICS-M54HC51 Datasheet
234Kb / 9P
   DUAL 2 WIDE 2 INPUT AND/OR INVERT GATE
M74HC51 STMICROELECTRONICS-M74HC51 Datasheet
199Kb / 9P
   DUAL 2 WIDE 2 INPUT AND/OR INVERT GATE
logo
Motorola, Inc
MC5474F51 MOTOROLA-MC5474F51 Datasheet
53Kb / 2P
   DUAL 2-WIDE 2-INPUT, 2-WIDE 3-INPUT AND-OR-INVERT GATE
logo
Fairchild Semiconductor
DM74LS51 FAIRCHILD-DM74LS51 Datasheet
47Kb / 4P
   Dual 2-Wide 2-Input, 2-Wide 3-Input AND-OR-INVERT Gate
74F51 FAIRCHILD-74F51 Datasheet
49Kb / 4P
   Dual 2-Wide 2-Input; 2-Wide 3-Input AND-OR-Invert Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com