Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD4085BE Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części CD4085BE
Szczegółowy opis  CMOS DUAL 2-WIDE 2-INPUT AND-OR-INVERT GATE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

CD4085BE Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button CD4085BE Datasheet HTML 3Page - Texas Instruments CD4085BE Datasheet HTML 4Page - Texas Instruments CD4085BE Datasheet HTML 5Page - Texas Instruments CD4085BE Datasheet HTML 6Page - Texas Instruments CD4085BE Datasheet HTML 7Page - Texas Instruments CD4085BE Datasheet HTML 8Page - Texas Instruments CD4085BE Datasheet HTML 9Page - Texas Instruments CD4085BE Datasheet HTML 10Page - Texas Instruments CD4085BE Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


Podobny numer części - CD4085BE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD4085BE TI1-CD4085BE Datasheet
892Kb / 15P
[Old version datasheet]   Cmos Dual 2-Wide 2-Input AND-OR-INVERT Gate
CD4085BEE4 TI1-CD4085BEE4 Datasheet
892Kb / 15P
[Old version datasheet]   Cmos Dual 2-Wide 2-Input AND-OR-INVERT Gate
More results

Podobny opis - CD4085BE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
CD4085BMS INTERSIL-CD4085BMS Datasheet
78Kb / 9P
   CMOS Dual 2 Wide 2 Input AND-OR-INVERT Gate
December 1992
logo
Texas Instruments
CD4085B TI1-CD4085B_15 Datasheet
892Kb / 15P
[Old version datasheet]   Cmos Dual 2-Wide 2-Input AND-OR-INVERT Gate
logo
STMicroelectronics
M74HC51 STMICROELECTRONICS-M74HC51 Datasheet
62Kb / 9P
   DUAL 2 WIDE 2 INPUT AND/OR INVERT GATE
August 2001
logo
Fairchild Semiconductor
DM74S51 FAIRCHILD-DM74S51 Datasheet
34Kb / 3P
   Dual 2-Wide 2-Input AND-OR-INVERT Gate
logo
NXP Semiconductors
HEF4085B PHILIPS-HEF4085B Datasheet
29Kb / 3P
   Dual 2-wide 2-input AND-OR-invert gate
January 1995
logo
STMicroelectronics
M54HC51 STMICROELECTRONICS-M54HC51 Datasheet
234Kb / 9P
   DUAL 2 WIDE 2 INPUT AND/OR INVERT GATE
M74HC51 STMICROELECTRONICS-M74HC51 Datasheet
199Kb / 9P
   DUAL 2 WIDE 2 INPUT AND/OR INVERT GATE
logo
Motorola, Inc
MC5474F51 MOTOROLA-MC5474F51 Datasheet
53Kb / 2P
   DUAL 2-WIDE 2-INPUT, 2-WIDE 3-INPUT AND-OR-INVERT GATE
logo
Fairchild Semiconductor
DM74LS51 FAIRCHILD-DM74LS51 Datasheet
47Kb / 4P
   Dual 2-Wide 2-Input, 2-Wide 3-Input AND-OR-INVERT Gate
74F51 FAIRCHILD-74F51 Datasheet
49Kb / 4P
   Dual 2-Wide 2-Input; 2-Wide 3-Input AND-OR-Invert Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com