Zakładka z wyszukiwarką danych komponentów |
|
CD4053BMT Arkusz danych(PDF) 7 Page - Texas Instruments |
|
|
CD4053BMT Arkusz danych(HTML) 7 Page - Texas Instruments |
7 / 20 page 7 Total Harmonic Distortion, THD 2 (Note 3) 5 10 0.3 % 3 (Note 3) 10 0.2 % 5 (Note 3) 15 0.12 % VEE = VSS, fIS = 1kHz Sine Wave % -40dB Feedthrough Frequency (All Channels OFF) 5 (Note 3) 10 1 VOS at Common OUT/IN CD4053 8 MHz VEE = VSS, CD4052 10 MHz CD4051 12 MHz VOS at Any Channel 8 MHz -40dB Signal Crosstalk Frequency 5 (Note 3) 10 1 Between Any 2 Channels 3 MHz VEE = VSS, Between Sections, CD4052 Only Measured on Common 6 MHz Measured on Any Chan- nel 10 MHz Between Any Two Sections, CD4053 Only In Pin 2, Out Pin 14 2.5 MHz In Pin 15, Out Pin 14 6 MHz Address-or-Inhibit-to-Signal Crosstalk -10 10 (Note 4) 65 mVPEAK VEE =0,VSS =0,tr,tf = 20ns, VCC = VDD - VSS (Square Wave) 65 mVPEAK NOTES: 3. Peak-to-Peak voltage symmetrical about 4. Both ends of channel. Typical Performance Curves FIGURE 1. CHANNEL ON RESISTANCE vs INPUT SIGNAL VOLTAGE (ALL TYPES) FIGURE 2. CHANNEL ON RESISTANCE vs INPUT SIGNAL VOLTAGE (ALL TYPES) Electrical Specifications PARAMETER TEST CONDITIONS LIMITS UNITS VIS (V) VDD (V) RL (kΩ) TYP 20Log V OS V IS ------------ 40dB – = 20Log V OS V IS ------------ 40dB – = V DD V EE – 2 ----------------------------- -4 -3 -2 -1 0 1 2 3 4 0 100 200 300 400 500 600 VIS, INPUT SIGNAL VOLTAGE (V) TA = 125 oC TA = -55 oC TA = 25 oC VDD - VEE = 5V 5 -10 -7.5 -5 -2.5 0 2.5 5 7.5 10 0 50 100 150 200 250 300 VIS, INPUT SIGNAL VOLTAGE (V) TA = 125 oC TA = 25 oC TA = -55 oC VDD - VEE = 10V CD4051B, CD4052B, CD4053B |
Podobny numer części - CD4053BMT |
|
Podobny opis - CD4053BMT |