Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD4093BPW Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części CD4093BPW
Szczegółowy opis  CMOS QUAD 2-INPUT NAND SCHMITT TRIGGERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

CD4093BPW Arkusz danych(HTML) 5 Page - Texas Instruments

  CD4093BPW Datasheet HTML 1Page - Texas Instruments CD4093BPW Datasheet HTML 2Page - Texas Instruments CD4093BPW Datasheet HTML 3Page - Texas Instruments CD4093BPW Datasheet HTML 4Page - Texas Instruments CD4093BPW Datasheet HTML 5Page - Texas Instruments CD4093BPW Datasheet HTML 6Page - Texas Instruments CD4093BPW Datasheet HTML 7Page - Texas Instruments CD4093BPW Datasheet HTML 8Page - Texas Instruments CD4093BPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
7704602CA
ACTIVE
CDIP
J
14
1
TBD
Call TI
Level-NC-NC-NC
CD4093BE
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
CD4093BEE4
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
CD4093BF
ACTIVE
CDIP
J
14
1
TBD
Call TI
Level-NC-NC-NC
CD4093BF3A
ACTIVE
CDIP
J
14
1
TBD
Call TI
Level-NC-NC-NC
CD4093BM
ACTIVE
SOIC
D
14
50
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4093BM96
ACTIVE
SOIC
D
14
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4093BM96E4
ACTIVE
SOIC
D
14
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4093BM96G4
ACTIVE
SOIC
D
14
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4093BME4
ACTIVE
SOIC
D
14
50
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4093BMT
ACTIVE
SOIC
D
14
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4093BMTE4
ACTIVE
SOIC
D
14
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4093BNSR
ACTIVE
SO
NS
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4093BNSRE4
ACTIVE
SO
NS
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4093BPW
ACTIVE
TSSOP
PW
14
90
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4093BPWE4
ACTIVE
TSSOP
PW
14
90
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4093BPWR
ACTIVE
TSSOP
PW
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4093BPWRE4
ACTIVE
TSSOP
PW
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
PACKAGE OPTION ADDENDUM
www.ti.com
26-Sep-2005
Addendum-Page 1


Podobny numer części - CD4093BPW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD4093BPW TI1-CD4093BPW Datasheet
978Kb / 17P
[Old version datasheet]   CMOS Quad 2-Input NAND Schmitt Triggers
CD4093BPWG4 TI1-CD4093BPWG4 Datasheet
978Kb / 17P
[Old version datasheet]   CMOS Quad 2-Input NAND Schmitt Triggers
CD4093BPWR TI1-CD4093BPWR Datasheet
978Kb / 17P
[Old version datasheet]   CMOS Quad 2-Input NAND Schmitt Triggers
CD4093BPWRG4 TI1-CD4093BPWRG4 Datasheet
978Kb / 17P
[Old version datasheet]   CMOS Quad 2-Input NAND Schmitt Triggers
More results

Podobny opis - CD4093BPW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD4093B TI1-CD4093B_15 Datasheet
978Kb / 17P
[Old version datasheet]   CMOS Quad 2-Input NAND Schmitt Triggers
logo
Intersil Corporation
CD4093BMS INTERSIL-CD4093BMS Datasheet
77Kb / 9P
   CMOS Quad 2-Input NAND Schmitt Triggers
December 1992
logo
System Logic Semiconduc...
SL4093B SLS-SL4093B Datasheet
37Kb / 5P
   Quad 2-Input NAND Schmitt Triggers
logo
Renesas Technology Corp
HD74LV132A RENESAS-HD74LV132A Datasheet
68Kb / 9P
   Quad. 2-input NAND Schmitt-triggers
logo
Toshiba Semiconductor
TC4093BP TOSHIBA-TC4093BP_07 Datasheet
265Kb / 8P
   Quad 2-Input NAND Schmitt Triggers
logo
Micro Electronics
MMC4093 MICRO-ELECTRONICS-MMC4093 Datasheet
133Kb / 4P
   QUAD 2 INPUT NAND SCHMITT TRIGGERS
logo
Toshiba Semiconductor
TC4093BP TOSHIBA-TC4093BP Datasheet
222Kb / 5P
   QUAD 2-INPUT NAND SCHMITT TRIGGERS
logo
Hitachi Semiconductor
HD74LV132A HITACHI-HD74LV132A Datasheet
52Kb / 13P
   Quad. 2-input NAND Schmitt-triggers
HD74HC132 HITACHI-HD74HC132 Datasheet
41Kb / 7P
   Quad. 2-input NAND Schmitt Triggers
logo
Renesas Technology Corp
HD74LV132A RENESAS-HD74LV132A_15 Datasheet
92Kb / 11P
   Quad. 2-input NAND Schmitt-triggers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com