Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BDW83D Arkusz danych(PDF) 2 Page - Savantic, Inc.

Numer części BDW83D
Szczegółowy opis  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAVANTIC [Savantic, Inc.]
Strona internetowa  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

BDW83D Arkusz danych(HTML) 2 Page - Savantic, Inc.

  BDW83D Datasheet HTML 1Page - Savantic, Inc. BDW83D Datasheet HTML 2Page - Savantic, Inc. BDW83D Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
BDW83/83A/83B/83C/83D
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BDW83
45
BDW83A
60
BDW83B
80
BDW83C
100
V(BR)CEO
Collector-emitter
breakdown voltage
BDW83D
IC=30mA, IB=0
120
V
VCEsat-1
Collector-emitter saturation voltage
IC=6A ,IB=12mA
2.5
V
VCEsat-2
Collector-emitter saturation voltage
IC=15A ,IB=150mA
4.0
V
VBE
Base-emitter on voltage
IC=6A ; VCE=3V
2.5
V
BDW83
VCB=45V, IE=0
TC=150
0.5
5.0
BDW83A
VCB=60V, IE=0
TC=150
0.5
5.0
BDW83B
VCB=80V, IE=0
TC=150
0.5
5.0
BDW83C
VCB=100V, IE=0
TC=150
0.5
5.0
ICBO
Collector
cut-off current
BDW83D
VCB=120V, IE=0
TC=150
0.5
5.0
mA
BDW83
VCE=30V, IB=0
BDW83A
VCE=30V, IB=0
BDW83B
VCE=40V, IB=0
BDW83C
VCE=50V, IB=0
ICEO
Collector
cut-off current
BDW83D
VCE=60V, IB=0
1
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
2
mA
hFE-1
DC current gain
IC=6A ; VCE=3V
750
20000
hFE-2
DC current gain
IC=15A ; VCE=3V
100
VEC
Diode forward voltage
IE=15A
3.5
V
ton
Turn-on time
0.9
µs
toff
Turn-off time
IC = 10 A, IB1 =-IB2=40 mA
RL=3B; VBE(off) = -4.2V
Duty CycleC2%
7.0
µs
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal resistance junction to case
0.83
/W


Podobny numer części - BDW83D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power Innovations Ltd
BDW83D POINN-BDW83D Datasheet
182Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BDW83D BOURNS-BDW83D Datasheet
120Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Seme LAB
BDW83D SEME-LAB-BDW83D Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3
logo
Inchange Semiconductor ...
BDW83D ISC-BDW83D Datasheet
136Kb / 3P
   Silicon NPN Power Transistors
logo
Comset Semiconductor
BDW83D COMSET-BDW83D Datasheet
121Kb / 3P
   NPN SILICON DARLINGTONS POWER TRANSISTORS
More results

Podobny opis - BDW83D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com