Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

700-01202 Arkusz danych(PDF) 1 Page - Gamewell-FCI by Honeywell

Numer części 700-01202
Szczegółowy opis  Ten zone control communicator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Strona internetowa  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

700-01202 Arkusz danych(HTML) 1 Page - Gamewell-FCI by Honeywell

  700-01202 Datasheet HTML 1Page - Gamewell-FCI by Honeywell 700-01202 Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FC-10C
TEN ZONE PANEL
Conventional Fire Alarm Control
Features
• Inherently power-limited.
• Integral digital communicator.
• Fifteen (15) selectable transmission formats.
• Up to 100 transmitted events/messages.
• Fire Drill Function.
• Integral voltmeter.
• Fully programmable via integral keypad.
• Auto-reset supervisory operation.
• Temporal pattern output per ANSI S3.41.
• Single person walk test with 256 event walk test
memory.
• Alarm verification.
• Real-time clock/calendar.
• 256-Event History with time and date stamp, stored in
permanent memory.
• Zone disable feature via software.
• Two (2) fully programmable Form “A” relay contact
output.
• Programmable trouble reminder.
• Surface mount technology.
• Ground start module (optional).
• Contact-by-Zone module (optional).
• Serial annunciator output (optional).
• Printer interface for on or off-line printing (optional)
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472 - Tel: 203-484-7161 - Fax: 203-484-7118
Specifications are for information only, are not intended for installation purposes, and are subject to change without notice. No responsibility is assumed by Gamewell-FCI for their use.
©
2006 Gamewell-FCI. All rights reserved.
www.gamewell-fci.com
9020-0459 Rev. G page 1 of 2
Description
The FC-10C Fire Alarm Control panel is a proven, versa-
tile, ten-zone modular control with integral communicator
and remote-site upload/download capability. It meets the
requirements of NFPA Standard 72 for Central Station,
Protected Premises, and Remote (DACT) Supervising
Station Fire Alarm Systems. It is Listed to UL Standard
864, inherently power limited and meets all UL transient
immunity requirements.
The integral communicator includes a wide range of se-
lectable transmission formats to communicate to virtually
all central stations. Other features of the communicator
are: A line-active indicator for each of two phone lines,
“Kiss-Off” signal LED, dual “low telephone voltage detect”
circuitry, programmable event codes per format and se-
lectable/deselectable transmission of up to 100 events.
Multiple security techniques allow uploading or download-
ing within one minute without affecting normal fire panel
functions. Key system information that can be uploaded
are: Current System Status, History, Walk Test Files and
System Programming.
An integral voltmeter allows voltage measurements for
Zone, AC line, NAC1, NAC2, resettable power and bat-
tery.
Housed in a red steel enclosure, the surface mounted
unit, (trim ring optional) provides space for two (2) B-7R
batteries.
The many features of the FC-10C control provide a cost
effective approach to systems design, and allow a great
degree of flexibility in one enclosure. Many of these fea-
tures include two (2) notification appliance circuits
(expandable to four) with output expandable from 3.0 to
6.0 amps total. Class A operation is possible with optional
modules. Fully programmable via integral keypad, the
notification appliance circuits may be programmed Si-
lenceable, Non-silenceable, Auto-silence (program 5 to 30
minutes) and Silence Inhibit (60 seconds).
Initiating zones may be programmed for process monitor-
ing via latching or non-latching contact closure and can be
used to monitor high-low temperature, loss of air flow,
water level, gas detection, open/close, refrigeration and
non-fire related tamper functions.
Also programmable are Alarm Presignal Timer, Alarm
Verification Timer and Optional Trouble Reminder.
FC-10C
An ISO 9000-2000 Company


Podobny numer części - 700-01202

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gamewell-FCI by Honeywe...
700-01215 GAMEWELL-FCI-700-01215 Datasheet
53Kb / 2P
   Five zone control communicator
700-01221 GAMEWELL-FCI-700-01221 Datasheet
53Kb / 2P
   Five zone control communicator
More results

Podobny opis - 700-01202

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gamewell-FCI by Honeywe...
FC-5C GAMEWELL-FCI-FC-5C Datasheet
53Kb / 2P
   Five zone control communicator
F402 GAMEWELL-FCI-F402 Datasheet
73Kb / 2P
   Two-Zone Fire Alarm Control Panel
F404 GAMEWELL-FCI-F404 Datasheet
80Kb / 2P
   Four-Zone Fire Alarm Control Panel
1120-0575 GAMEWELL-FCI-1120-0575 Datasheet
69Kb / 1P
   Quad Zone Unit Eight Zone Unit Eight Zone Daughter Board Eight Zone Annunciator Board
logo
ASM GmbH
9334 ASM-SENSOR-9334 Datasheet
1Mb / 4P
   LOGGER COMMUNICATOR
logo
Gamewell-FCI by Honeywe...
190-90010 GAMEWELL-FCI-190-90010 Datasheet
61Kb / 1P
   ALARM COMMUNICATOR TRANSMITTER
GWF402 GAMEWELL-FCI-GWF402 Datasheet
67Kb / 2P
   Two and Four Zone Conventional Fire Alarm Control Panels
DACT-E3 GAMEWELL-FCI-DACT-E3 Datasheet
60Kb / 1P
   Digital alarm communicator transmitter
IPDACT-2 GAMEWELL-FCI-IPDACT-2 Datasheet
65Kb / 2P
   IP Fire Alarm Communicator
logo
Fuji Electric
EDS8-47N FUJI-EDS8-47N Datasheet
455Kb / 4P
   HAND-HELD COMMUNICATOR < HHC >
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com