Zakładka z wyszukiwarką danych komponentów |
|
MC1488D Arkusz danych(PDF) 7 Page - Texas Instruments |
|
MC1488D Arkusz danych(HTML) 7 Page - Texas Instruments |
7 / 8 page MC1488, SN55188, SN75188 QUADRUPLE LINE DRIVERS SLLS094B – SEPTEMBER 1983 – REVISED MAY 1995 7 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 THERMAL INFORMATION† MAXIMUM SUPPLY VOLTAGE vs FREE-AIR TEMPERATURE RL ≥ 3 kΩ (from each output to GND) 14 12 10 8 6 4 2 100 75 50 25 0 –25 –50 0 125 16 TA – Free-Air Temperature – °C –75 Figure 6 † Data for temperatures below 0 °C and above 70°C are applicable to SN55188 circuit only. APPLICATION INFORMATION Diodes placed in series with the VCC+ and VCC – leads will protect the SN55188/SN75188 in the fault condition in which the device outputs are shorted to ±15 V and the power supplies are at low voltage and provide low-impedance paths to ground. VCC + VCC – ±15 V Output VCC + VCC – ’188 ’188 10 k Ω 1 k Ω – 10 V to 0 V Output to MOS or SN75188 1/4 SN55188 – 0.7 V to 10 V Output to HNIL 1/4 SN55188 or SN75188 – 0.7 V to 5.7 V Output to DTL 5 V 1/4 SN55188 or SN75188 or SN75188 1/4 SN55188 – 0.7 V to 3.7 V Output to RTL 3 V – 12 V VCC + = 12 V VCC – = – 12 V Figure 7. Logic Translator Applications Figure 8. Power Supply Protection to Meet Power-Off Fault Conditions of ANSI EIA / TIA-232-E |
Podobny numer części - MC1488D |
|
Podobny opis - MC1488D |