Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS-F Arkusz danych(PDF) 1 Page - Gamewell-FCI by Honeywell

Numer części SS-F
Szczegółowy opis  Filtrex Hostile Area Smoke Head Analog Addressable Detector with SmartScan
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Strona internetowa  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

SS-F Arkusz danych(HTML) 1 Page - Gamewell-FCI by Honeywell

  SS-F Datasheet HTML 1Page - Gamewell-FCI by Honeywell SS-F Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SS-F CS-2473 09/01/06
Page 1 of 2
Features
• Analog intelligent communications.
• High-performance filter removes
particulates down to 32 microns
(32-micron inner filter and replace-
able outer filter).
• Air delivery system is separately
powered and fully supervised.
• Outer filter is easily field replace-
able.
• Tolerant of external air velocity.
• Resistant to water vapor in
applications where occasional
non-direct water spray is per-
formed.
• Optional remote LED annunciator.
• Rotary DECADE address switches
with settings 01-99.
• Dual bi-color (red/green) LEDs
flash green when Normal and are
steady red in Alarm (systems with
SmartScan™ only).
• Compatible with the Gamewell
602, 610, 632, 654 and 658
FACPs.
• Requires auxiliary 24 VDC from
system or remote power supply.
Listings
Listings and approvals below
apply to the SS-F Filtrex Hostile
Area Smoke Head Analog Addres-
sable Detector with SmartScan™.
In some cases, the module may
not be listed by certain approval
agencies, or listing may be in
process. Consult factory for latest
listing status.
• UL Listed: file S1195.
• CSFM approved:
file 7272-1288:166.
• MEA approved:
file 230-01-E Vol. III.
SS-F
Filtrex™ Hostile-Area Smoke Head —
Analog Addressable Detector with SmartScan™
Description
Gamewell’s SS-F SmartScan™
smoke detector provides early
warning smoke detection in
hostile environments where tra-
ditional smoke detectors are not
practical. Using a small air in-
take fan and a high-perfor-
mance replaceable filter, air and
smoke are drawn into a photo-
electric sensing chamber, while
unwanted airborne particulate
and water mist are removed.
This feature allows the SS-F to
operate in difficult applications,
such as textile or paper mills,
which due to environmental
conditions tend to cause nui-
sance alarms with standard
smoke detectors.
SS-F Operation Overview
Normal Operation — A miniature fan is pulsed on and off under microprocessor con-
trol to conserve power, yet provide good smoke response. The system uses two filters
(one replaceable) that remove particulates while allowing smoke to pass.
Filter Supervision — Periodically, the filter system is tested for blockage using a
special thermal airflow sensor. In reasonably clean environments, the filter is ex-
pected to last at least as long as the smoke-entry test period required by NFPA 72. In
very dirty environments, the filter may need replacement more frequently.
Filter Trouble Reporting — If SS-F determines that filter blockage is imminent, a
warning trouble is indicated to the panel, followed by a return to normal. 72 hours after
this warning, the detector will disconnect, giving a continuous trouble signal.
Operation overview diagram:
6346cros.wmf


Podobny numer części - SS-F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
SS-01 OMRON-SS-01 Datasheet
676Kb / 10P
   Snap Action Switch
SS-01 OMRON-SS-01 Datasheet
1Mb / 8P
   Subminiature Basic Switch
SS-01-2 OMRON-SS-01-2 Datasheet
1Mb / 8P
   Subminiature Basic Switch
SS-01-2D OMRON-SS-01-2D Datasheet
1Mb / 8P
   Subminiature Basic Switch
SS-01-2T OMRON-SS-01-2T Datasheet
1Mb / 8P
   Subminiature Basic Switch
More results

Podobny opis - SS-F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gamewell-FCI by Honeywe...
ASD-LS GAMEWELL-FCI-ASD-LS_15 Datasheet
73Kb / 2P
   Analog Addressable Laser Smoke Sensor
ASD-IL2F GAMEWELL-FCI-ASD-IL2F Datasheet
146Kb / 2P
   Analog, Addressable loniation Smoke Sensor
XP95-ID GAMEWELL-FCI-XP95-ID Datasheet
253Kb / 2P
   Analog Addressable Duct Smoke Detectors
ASD-PL2F GAMEWELL-FCI-ASD-PL2F_13 Datasheet
53Kb / 2P
   Analog, Addressable Photoelectronic Smoke Sensor
ASD-PL2F GAMEWELL-FCI-ASD-PL2F Datasheet
197Kb / 2P
   Analog, addressable photoelectronic smoke sensor
MS95-SS GAMEWELL-FCI-MS95-SS Datasheet
126Kb / 2P
   Addressable Manual Pull Station with SmartScan
SS-I GAMEWELL-FCI-SS-I Datasheet
98Kb / 2P
   Intelligent Addressable Plug-In Ionization Smoke Detector
SS-APT GAMEWELL-FCI-SS-APT Datasheet
100Kb / 2P
   Multi-Sensor Smoke Detector Low-Profile, Intelligent, Addressable
logo
Allegro MicroSystems
5350 ALLEGRO-5350 Datasheet
75Kb / 8P
   SMOKE DETECTOR WITH INTERCONNECT
5355 ALLEGRO-5355 Datasheet
75Kb / 8P
   SMOKE DETECTOR WITH INTERCONNECT
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com