Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FC-125 Arkusz danych(PDF) 1 Page - Epson ToYoCom

Numer części FC-125
Szczegółowy opis  kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EPSONTOYOCOM [Epson ToYoCom]
Strona internetowa  http://www.epsontoyocom.co.jp
Logo EPSONTOYOCOM - Epson ToYoCom

FC-125 Arkusz danych(HTML) 1 Page - Epson ToYoCom

  FC-125 Datasheet HTML 1Page - Epson ToYoCom FC-125 Datasheet HTML 2Page - Epson ToYoCom  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Actual size
http://www.epsontoyocom.co.jp
Crystal unit
Crystal unit
Crystal unit
Crystal unit
Epson Toyocom
Epson Toyocom
Epson Toyocom
Epson Toyocom
Specifications (characteristics)
Item
Symbol
Specifications
Remarks
Nominal frequency range
f_nom
32.768 kHz
Storage
temperature
T_stg
-55
°C to +125 °C
Store as bare product after unpacking
Temperature
range
Operating
temperature
T_use
-40
°C to +85 °C
Level of drive
DL
0.5
µW Max.
Frequency tolerance
(standard)
f_tol
±10 × 10
-6
+25
°C, DL=0.1 µW
Turnover temperature
Ti
+25
°C ±5 °C
Parabolic coefficient
B
-0.04 × 10
-6 /
°C2 Max.
Load capacitance
CL
12.5 pF
Motional resistance (ESR)
R1
90 k
Ω Max.
Motional capacitance
C1
6.4 fF Typ.
Shunt capacitance
C0
1.3 pF Typ.
Frequency aging
f_age
±3 × 10
-6 / year Max.
+25
°C, First year
External dimensions
(Unit:mm)
Footprint (Recommended)
(Unit:mm)
.
kHz RANGE CRYSTAL UNIT
LOW PROFILE SMD
FC - 125
•Frequency range
:
32.768 kHz
•Thickness
:
0.7 mm Max.
•Overtone order
:
Fundamental
•Applications
:
Small communications devices
2.05±0.05
1.0
#1
#2
Internal c onnect ion
(TO P VIEW )
A8
44J
#1
#2
0.525
0.7
1.5
∗Do not design any patterns on shaded area.
Product Number (please contact us)
X1A000011xxxx00


Podobny numer części - FC-125

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PREMO CORPORATION S.L
FC-125 PREMO-FC-125 Datasheet
137Kb / 1P
   Screened Room Filters
More results

Podobny opis - FC-125

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Epson Company
MC-146 EPSON-MC-146 Datasheet
254Kb / 2P
   kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
logo
Epson ToYoCom
FC-13E EPSONTOYOCOM-FC-13E Datasheet
447Kb / 2P
   kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
FC-135 EPSONTOYOCOM-FC-135 Datasheet
331Kb / 2P
   kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
logo
Epson Company
FC-135 EPSON-FC-135 Datasheet
239Kb / 2P
   kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
logo
Epson ToYoCom
FC-12M EPSONTOYOCOM-FC-12M Datasheet
461Kb / 2P
   kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
FC-13F EPSONTOYOCOM-FC-13F Datasheet
307Kb / 2P
   kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
logo
Epson Company
FC-12D EPSON-FC-12D Datasheet
221Kb / 2P
   kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
logo
Epson ToYoCom
MC-146 EPSONTOYOCOM-MC-146 Datasheet
320Kb / 2P
   kHz RANGE CRYSTAL UNIT LOW PROFILE SMD
logo
List of Unclassifed Man...
MC-306 ETC1-MC-306 Datasheet
261Kb / 2P
   kHz RANGE CRYSTAL UNIT SMD
logo
Epson ToYoCom
MC-306 EPSONTOYOCOM-MC-306_10 Datasheet
189Kb / 1P
   kHz RANGE CRYSTAL UNIT SMD
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com