Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM320C30GBM40 Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części SM320C30GBM40
Szczegółowy opis  DIGITAL SIGNAL PROCESSOR
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SM320C30GBM40 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button SM320C30GBM40 Datasheet HTML 7Page - Texas Instruments SM320C30GBM40 Datasheet HTML 8Page - Texas Instruments SM320C30GBM40 Datasheet HTML 9Page - Texas Instruments SM320C30GBM40 Datasheet HTML 10Page - Texas Instruments SM320C30GBM40 Datasheet HTML 11Page - Texas Instruments SM320C30GBM40 Datasheet HTML 12Page - Texas Instruments SM320C30GBM40 Datasheet HTML 13Page - Texas Instruments SM320C30GBM40 Datasheet HTML 14Page - Texas Instruments SM320C30GBM40 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
SMJ320C30
DIGITAL SIGNAL PROCESSOR
SGUS014H − FEBRUARY 1991 − REVISED JUNE 2004
11
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
absolute maximum ratings over operating case temperature range (unless otherwise noted)
Supply voltage range, VCC (see Note 3)
−0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI
− 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO
−0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous power dissipation (see Note 4)
3.15 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating case temperature range, TC
− 55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
− 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
3. All voltage values are with respect to VSS.
4. Actual operating power is less. This value was obtained under specially produced worst-case test conditions, which are not
sustained during normal device operation. These conditions consist of continuous parallel writes of a checkerboard pattern to both
primary and extension buses at the maximum rate possible. See normal (ICC) current specification in the electrical characteristics
table and also read Calculation of TMS320C30 Power Dissipation Application Report (literature number SPRA020).
recommended operating conditions (see Note 5)
MIN
NOM‡
MAX
UNIT
VDD
Supply voltage (AVDD, etc.)
4.75
5
5.25
V
VDD
Supply voltage (AVDD, etc.)
4.75
5
5.25
V
VSS
Supply voltage (CVSS, etc.)
0
V
VIH
High-level input voltage
2.1
VDD + 0.3*
V
VTH
High-level input voltage for CLKIN
3
VDD + 0.3*
V
VIL
Low-level input voltage
− 0.3*
0.8
V
IOH
High-level output current
− 300
µA
IOL
Low-level output current
2
mA
TC
Operating case temperature (see Note 6)
− 55
125
°C
‡ All nominal values are at VDD = 5 V, TA (ambient-air temperature)= 25°C.
* This parameter is not production tested.
NOTE 5: All input and output voltage levels are TTL compatible.
NOTE 6: TC MAX at maximum rated operating conditions at any point on the case, TC MIN at initial (time zero) power up


Podobny numer części - SM320C30GBM40

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SM320C30GBM40 TI1-SM320C30GBM40 Datasheet
888Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C30GBM40 TI1-SM320C30GBM40 Datasheet
816Kb / 49P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

Podobny opis - SM320C30GBM40

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com