Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74147N Arkusz danych(PDF) 10 Page - Texas Instruments

Numer części SN74147N
Szczegółowy opis  10-LINE TO 4-LINE AND 8-LINE TO 3-LINE PRIORITY ENCODERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74147N Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button SN74147N Datasheet HTML 6Page - Texas Instruments SN74147N Datasheet HTML 7Page - Texas Instruments SN74147N Datasheet HTML 8Page - Texas Instruments SN74147N Datasheet HTML 9Page - Texas Instruments SN74147N Datasheet HTML 10Page - Texas Instruments SN74147N Datasheet HTML 11Page - Texas Instruments SN74147N Datasheet HTML 12Page - Texas Instruments SN74147N Datasheet HTML 13Page - Texas Instruments SN74147N Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
SN54147, SN54148, SN54LS147, SN54LS148
SN74147, SN74148 (TIM9907), SN74LS147, SN74LS148
10LINE TO 4LINE AND 8LINE TO 3LINE PRIORITY ENCODERS
SDLS053B − OCTOBER 1976 − REVISED MAY 2004
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
SN54LS147, SN74LS147 switching characteristics, VCC = 5 V, TA = 255C (see Figure 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
WAVEFORM
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Any
Any
In-phase output
12
18
ns
tPHL
Any
Any
In-phase output
CL = 15 pF,
12
18
ns
tPLH
Any
Any
Out-of-phase output
CL = 15 pF,
RL = 2 kΩ
21
33
ns
tPHL
Any
Any
Out-of-phase output
RL = 2 k
15
23
ns
SN54LS148, SN74LS148 switching characteristics, VCC = 5 V, TA = 255C (see Figure 2)
PARAMETER†
FROM
(INPUT)
TO
(OUTPUT)
WAVEFORM
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
1–7
A0, A1, or A2
In-phase output
14
18
ns
tPHL
1–7
A0, A1, or A2
In-phase output
15
25
ns
tPLH
1–7
A0, A1, or A2
Out-of-phase output
20
36
ns
tPHL
1–7
A0, A1, or A2
Out-of-phase output
16
29
ns
tPLH
0–7
EO
Out-of-phase output
7
18
ns
tPHL
0–7
EO
Out-of-phase output
25
40
ns
tPLH
0–7
GS
In-phase output
CL = 15 pF,
35
55
ns
tPHL
0–7
GS
In-phase output
CL = 15 pF,
RL = 2 kΩ
9
21
ns
tPLH
EI
A0, A1, or A2
In-phase output
RL = 2 k
16
25
ns
tPHL
EI
A0, A1, or A2
In-phase output
12
25
ns
tPLH
EI
GS
In-phase output
12
17
ns
tPHL
EI
GS
In-phase output
14
36
ns
tPLH
EI
EO
In-phase output
12
21
ns
tPHL
EI
EO
In-phase output
23
35
ns
† tPLH = propagation delay time, low-to-high-level output
tPHL = propagation delay time, high-to-low-level output


Podobny numer części - SN74147N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74147N TI-SN74147N Datasheet
672Kb / 24P
[Old version datasheet]   10-LINE TO 4-LINE AND 8-LINE TO 3-LINE PRIORITY ENCODERS
More results

Podobny opis - SN74147N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54147 TI-SN54147_07 Datasheet
672Kb / 24P
[Old version datasheet]   10-LINE TO 4-LINE AND 8-LINE TO 3-LINE PRIORITY ENCODERS
logo
Motorola, Inc
SN54LS147 MOTOROLA-SN54LS147 Datasheet
231Kb / 7P
   10-LINE-TO-4-LINE AND 8-LINE-TO-3-LINE PRIORITY ENCODERS
logo
Texas Instruments
SN54LS148 TI-SN54LS148 Datasheet
556Kb / 20P
[Old version datasheet]   10 LINE TO 4 LINE AND 8 LINE TO 3 LINE PRIORITY ENCODERS
SN54147 TI1-SN54147_15 Datasheet
1Mb / 26P
[Old version datasheet]   10-LINE TO 4-LINE AND 8-LINE PRIORITY ENCODERS
SN54HC148 TI1-SN54HC148_15 Datasheet
1Mb / 19P
[Old version datasheet]   8-LINE TO 3-LINE PRIORITY ENCODERS
SN54HC148 TI-SN54HC148 Datasheet
585Kb / 17P
[Old version datasheet]   8-LINE TO 3-LINE PRIORITY ENCODERS
logo
Hitachi Semiconductor
HD74LS148 HITACHI-HD74LS148 Datasheet
70Kb / 6P
   8-line-to-3-line Octal Priority Encoders
logo
Texas Instruments
SN54LS348 TI-SN54LS348 Datasheet
192Kb / 5P
[Old version datasheet]   8-LINE TO 3-LINE PRIORITY ENCODERS WITH 3-STATE OUTPUTS
SN54LS348 TI-SN54LS348_06 Datasheet
586Kb / 13P
[Old version datasheet]   8-LINE TO 3-LINE PRIORITY ENCODERS WITH 3-STATE OUTPUTS
SN54LS348 TI1-SN54LS348_14 Datasheet
536Kb / 13P
[Old version datasheet]   8-LINE TO 3-LINE PRIORITY ENCODERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com