Zakładka z wyszukiwarką danych komponentów |
|
SM12TCE-18 Arkusz danych(PDF) 3 Page - Pletronics, Inc. |
|
SM12TCE-18 Arkusz danych(HTML) 3 Page - Pletronics, Inc. |
3 / 7 page SM12T Series Miniature SMD Crystal June 2008 www.pletronics.com 425-776-1880 3 SM12T B E -18 -11.0592M -XX Internal code or blank Frequency in MHz Cload in pF Parallel Resonance from 6 to 32 pF or SR = Series Resonance Operating Temperature Range Blank = 0 to + 70oC E = -40 to +85oC Calibration Tolerance / Frequency Stability Blank = 50/50 (Standard) A = 30/50 B = 30/30 C = 15/30 D = 10/20 (not all frequencies) Model Number Reliability: Environmental Compliance Parameter Condition Mechanical Shock MIL-STD-883 Method 2002, Condition B Vibration MIL-STD-883 Method 2007, Condition A Solderability MIL-STD-883 Method 2003 Thermal Shock MIL-STD-883 Method 1011, Condition A Package Labeling Label is 1" x 2.6" (25.4mm x 66.7mm) Label is 1" x 2.6" (25.4mm x 66.7mm) Font is Courier New Font is Arial Bar code is 39-Full ASCII |
Podobny numer części - SM12TCE-18 |
|
Podobny opis - SM12TCE-18 |