Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM1145BDY Arkusz danych(PDF) 9 Page - Pletronics, Inc.

Numer części SM1145BDY
Szczegółowy opis  CMOS with Enable/ Disable, 3rd Overtone Crystal Used
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PLETRONICS [Pletronics, Inc.]
Strona internetowa  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM1145BDY Arkusz danych(HTML) 9 Page - Pletronics, Inc.

  SM1145BDY Datasheet HTML 1Page - Pletronics, Inc. SM1145BDY Datasheet HTML 2Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 2 page
background image
SM76H Series 2.5 V
CMOS Clock Oscillators
March 2008
www.pletronics.com
425-776-1880
9
IMPORTANT NOTICE
Pletronics Incorporated (PLE) reserves the right to make corrections, improvements, modifications and
other changes to this product at anytime. PLE reserves the right to discontinue any product or service
without notice. Customers are responsible for obtaining the latest relevant information before placing
orders and should verify that such information is current and complete. All products are sold subject to
PLE’s terms and conditions of sale supplied at the time of order acknowledgment.
PLE warrants performance of this product to the specifications applicable at the time of sale in accordance
with PLE’s limited warranty. Testing and other quality control techniques are used to the extent PLE
deems necessary to support this warranty. Except where mandated by specific contractual documents,
testing of all parameters of each product is not necessarily performed.
PLE assumes no liability for application assistance or customer product design. Customers are
responsible for their products and applications using PLE components. To minimize the risks associated
with the customer products and applications, customers should provide adequate design and operating
safeguards.
PLE products are not designed, intended, authorized or warranted to be suitable for use in life support
applications, devices or systems or other critical applications that may involve potential risks of death,
personal injury or severe property or environmental damage. Inclusion of PLE products in such
applications is understood to be fully at the risk of the customer. Use of PLE products in such applications
requires the written approval of an appropriate PLE officer. Questions concerning potential risk
applications should be directed to PLE.
PLE does not warrant or represent that any license, either express or implied, is granted under any PLE
patent right, copyright, artwork or other intellectual property right relating to any combination, machine or
process which PLE product or services are used. Information published by PLE regarding third-party
products or services does not constitute a license from PLE to use such products or services or a
warranty or endorsement thereof. Use of such information may require a license from a third party under
the patents or other intellectual property of the third party, or a license from PLE under the patents or other
intellectual property of PLE.
Reproduction of information in PLE data sheets or web site is permissible only if the reproduction is
without alteration and is accompanied by associated warranties, conditions, limitations and notices.
Reproduction of this information with alteration is an unfair and deceptive business practice. PLE is not
responsible or liable for such altered documents.
Resale of PLE products or services with statements different from or beyond the parameters stated by
PLE for that product or service voids all express and implied warranties for the associated PLE product or
service and is an unfair or deceptive business practice. PLE is not responsible for any such statements.
Contacting Pletronics Inc.
Pletronics Inc.
Tel: 425-776-1880
19013 36th Ave. West
Fax: 425-776-2760
Lynnwood, WA 98036-5761 USA
E-mail: ple-sales@pletronics.com
URL: www.pletronics.com
Copyright © 2007, 2008 Pletronics Inc.


Podobny numer części - SM1145BDY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SM1145C ETC1-SM1145C Datasheet
77Kb / 2P
   CMOS COMPATIBLE WITH TRI-STATE OUTPUT
SM1145CE ETC1-SM1145CE Datasheet
77Kb / 2P
   CMOS COMPATIBLE WITH TRI-STATE OUTPUT
SM1145CS ETC1-SM1145CS Datasheet
77Kb / 2P
   CMOS COMPATIBLE WITH TRI-STATE OUTPUT
SM1145CV ETC1-SM1145CV Datasheet
77Kb / 2P
   CMOS COMPATIBLE WITH TRI-STATE OUTPUT
More results

Podobny opis - SM1145BDY

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Torex Semiconductor
XC2163_001 TOREX-XC2163_001 Datasheet
148Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163_12 Datasheet
150Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163 Datasheet
172Kb / 8P
   ICs for use with 3rd Overtone Crystal Oscillators
logo
Nippon Precision Circui...
CF5017 NPC-CF5017 Datasheet
90Kb / 10P
   3rd Overtone Crystal Oscillator Module ICs
logo
Torex Semiconductor
XC2163 TOREX-XC2163_1 Datasheet
295Kb / 7P
   ICs for use with 3rd Overtone Crystal Oscillators
logo
Nippon Precision Circui...
CF5018 NPC-CF5018 Datasheet
85Kb / 8P
   2.5V 3rd Overtone Crystal Oscillator Module ICs
CF5020 NPC-CF5020 Datasheet
100Kb / 12P
   High-Frequency, 3rd Overtone Crystal Oscillator Module ICs
logo
Nel Frequency Controls,...
HS-A1370 NEL-HS-A1370_10 Datasheet
58Kb / 2P
   CMOS Compatible Enable/Disable
HS-1370 NEL-HS-1370 Datasheet
257Kb / 2P
   CMOS Compatible Enable/Disable
HA-1380 NEL-HA-1380_10 Datasheet
60Kb / 2P
   CMOS Compatible Enable/Disable
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com