Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM1144BDE Arkusz danych(PDF) 7 Page - Pletronics, Inc.

Numer części SM1144BDE
Szczegółowy opis  CMOS with Enable/ Disable, 3rd Overtone Crystal Used
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PLETRONICS [Pletronics, Inc.]
Strona internetowa  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM1144BDE Arkusz danych(HTML) 7 Page - Pletronics, Inc.

  SM1144BDE Datasheet HTML 1Page - Pletronics, Inc. SM1144BDE Datasheet HTML 2Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 2 page
background image
SM76H Series 2.5 V
CMOS Clock Oscillators
March 2008
www.pletronics.com
425-776-1880
7
Mechanical (obsolete version):
The cover is no longer being supplied over this part. This part is made with a hermetically sealed SM77H
series oscillator. This part is now exposed.
The cover has been deleted, the cover was causing problems with the newer high temperature RoHS lead
free processes. The cover purpose was only cosmetic.
All parts ordered in 2008 will be made in the new fashion.
There is no change in electrical properties.
Pletronics does recommend that all designs should transition to the SM77H ceramic part. This is the base
part of the SM76H.
Inches
mm
Cover:
Centered on the base
304 Stainless Steel
0.010 inch (0.25μm)
Electroless Nickel Plated
1 μinch (25 μm) typical
Label:
White Kapton with Black Letters
–or--
Laser marked lettering
FR4 PCB Base:
Solder masked
All via holes tented on bottom
Copper Clad ½ oz. Typical
Gold plated 0.02 μinch (0.5 μm)
Pin 3 Ground plane is typical
Not to scale
1 Typical dimension
A
0.351 +_0.003
8.91 +_0.07
B
0.356 +_0.005
9.04 +_0.13
C
0.103 +_0.005
2.62 +_0.13
D1
0.324
8.23
E1
0.316
8.03
F1
0.050
1.27
G1
0.040
1.02
H1
0.059
1.50
I1
0.020
0.51
J1
0.040
1.02
K1
0.200
5.08
L1
0.026 typical
0.66
The package is not hermetically sealed.
The sides are intentionally left open to permit cleaning material to freely flow in the package, thus
minimizing the accumulation of contaminants during cleaning processes.
The internal part of the package must be thoroughly dry before operating.


Podobny numer części - SM1144BDE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SM1144C ETC1-SM1144C Datasheet
77Kb / 2P
   CMOS COMPATIBLE WITH TRI-STATE OUTPUT
SM1144CE ETC1-SM1144CE Datasheet
77Kb / 2P
   CMOS COMPATIBLE WITH TRI-STATE OUTPUT
More results

Podobny opis - SM1144BDE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Torex Semiconductor
XC2163_001 TOREX-XC2163_001 Datasheet
148Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163_12 Datasheet
150Kb / 9P
   ICs for use with 3rd Overtone Crystal Oscillators
XC2163 TOREX-XC2163 Datasheet
172Kb / 8P
   ICs for use with 3rd Overtone Crystal Oscillators
logo
Nippon Precision Circui...
CF5017 NPC-CF5017 Datasheet
90Kb / 10P
   3rd Overtone Crystal Oscillator Module ICs
logo
Torex Semiconductor
XC2163 TOREX-XC2163_1 Datasheet
295Kb / 7P
   ICs for use with 3rd Overtone Crystal Oscillators
logo
Nippon Precision Circui...
CF5018 NPC-CF5018 Datasheet
85Kb / 8P
   2.5V 3rd Overtone Crystal Oscillator Module ICs
CF5020 NPC-CF5020 Datasheet
100Kb / 12P
   High-Frequency, 3rd Overtone Crystal Oscillator Module ICs
logo
Nel Frequency Controls,...
HS-A1370 NEL-HS-A1370_10 Datasheet
58Kb / 2P
   CMOS Compatible Enable/Disable
HS-1370 NEL-HS-1370 Datasheet
257Kb / 2P
   CMOS Compatible Enable/Disable
HA-1380 NEL-HA-1380_10 Datasheet
60Kb / 2P
   CMOS Compatible Enable/Disable
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com