Zakładka z wyszukiwarką danych komponentów |
|
J115F21CL6VDCN Arkusz danych(PDF) 2 Page - CIT Relay & Switch |
|
J115F21CL6VDCN Arkusz danych(HTML) 2 Page - CIT Relay & Switch |
2 / 3 page www.citrelay.com phone - 763.535.2339 fax - 763.535.2194 J115F2 General Data Ordering Information 1. Series J115F2 1C 12VDC S .9 J115F2 2. Contact Arrangement 1A = SPST N.O. 1B = SPST N.C. 1C = SPDT 3. Profile Blank = Standard L = Low profile 4. Coil Voltage 3VDC 12VAC 5VDC 24VAC 6VDC 110VAC 9VDC 120VAC 12VDC 220VAC 15VDC 240VAC 18VDC 277VAC 24VDC 48VDC 110VDC 5. Sealing Option S = Sealed (standard) N = No cover 6. Coil Power .9 = .9W .6 = .6W Blank = 2VA (AC Coil) 7. Contact Material Blank = AgSnO2 U = AgSnO2In2O3 Electrical Life @ rated load 100K cycles, typical Mechanical Life 10M cycles, typical Insulation Resistance 1000M Ω min. @ 500VDC Dielectric Strength, Coil to Contact 2500V rms min. @ sea level Contact to Contact 1500V rms min. @ sea level Shock Resistance 200m/s2 for 11 ms Vibration Resistance 1.50mm double amplitude 10~40Hz Terminal (Copper Alloy) Strength 10N Operating Temperature -55oC to +125oC Storage Temperature -55oC to +155oC Solderability 260oC for 5 s Weight 35g |
Podobny numer części - J115F21CL6VDCN |
|
Podobny opis - J115F21CL6VDCN |