Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

J115F21C12VDCN Arkusz danych(PDF) 1 Page - CIT Relay & Switch

Numer części J115F21C12VDCN
Szczegółowy opis  CIT SWITCH
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIT [CIT Relay & Switch]
Strona internetowa  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

J115F21C12VDCN Arkusz danych(HTML) 1 Page - CIT Relay & Switch

  J115F21C12VDCN Datasheet HTML 1Page - CIT Relay & Switch J115F21C12VDCN Datasheet HTML 2Page - CIT Relay & Switch J115F21C12VDCN Datasheet HTML 3Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.citrelay.com
phone - 763.535.2339
fax - 763.535.2194
J115F2
E197852
31.9 x 26.8 x 28.1 mm
Features
Contact Data
Coil Data DC Parameters
Coil Data AC Parameters
RoHS Compliant
UL F class rated standard, UL/CUL certified
Small size and light weight, low coil power consumption
Heavy contact load, stron shock and vibration resistance
Coil Voltage
VDC
Coil Resistance
Ω +/- 10%
Pick Up Voltage
VDC (max)
75% of rated
voltage
Release Voltage
VDC (min)
10% of rated
voltage
Coil Power
W
Operate Time
ms
Release Time
ms
Rated
Max
.6W
.9W
3
3.9
15
10
2.25
.3
.60
.90
15
10
5
6.5
42
28
3.75
.5
6
7.8
60
40
4.50
.6
9
11.7
135
90
6.75
.9
12
15.6
240
160
9.00
1.2
15
19.5
375
250
10.25
1.5
18
23.4
540
360
13.50
1.8
24
31.2
960
640
18.00
2.4
48
62.4
3840
2560
36.00
4.8
110
140.3
20167
13445
82.50
11.0
Coil Voltage
VAC
Coil Resistance
Ω +/- 10%
Pick Up Voltage
VAC (max)
75% of rated
voltage
Release Voltage
VAC (min)
30% of rated
voltage
Coil Power
VA
Operate Time
ms
Release Time
ms
Rated
Max
12
15.6
27
9.00
3.6
2VA
15
10
24
31.2
120
18.00
7.2
110
143
2360
82.50
33.0
120
156
3040
90.00
36.0
220
286
13490
165.00
66.0
240
312
15320
180.00
72.0
277
360
20210
207.00
83.1
Contact Arrangement
1A = SPST N.O.
1B = SPST N.C.
1C = SPST
Contact Rating
N.O. 40A @ 240VAC Resistive
30A @ 277VAC General Purpose
2hp @ 250VAC
N.C. 30A @ 240VAC Resistive
30A @ 30VDC
20A @ 277VAC General Purpose
1-1/2hp @ 250VAC
Contact Resistance
< 30 milliohms initial
Contact Material
AgSnO2 AgSnO2In2O3
Maximum Switching Power
9600VA, 1120W
Maximum Switching Voltage
277VAC, 110VDC
Maximum Switching Current
40A


Podobny numer części - J115F21C12VDCN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
CIT Relay & Switch
J115F21CHL110VDCN61.5U CIT-J115F21CHL110VDCN61.5U Datasheet
154Kb / 5P
   50A economical version
J115F21CHL110VDCNH1.5U CIT-J115F21CHL110VDCNH1.5U Datasheet
154Kb / 5P
   50A economical version
J115F21CHL110VDCS61.5U CIT-J115F21CHL110VDCS61.5U Datasheet
154Kb / 5P
   50A economical version
J115F21CHL110VDCSH1.5U CIT-J115F21CHL110VDCSH1.5U Datasheet
154Kb / 5P
   50A economical version
J115F21CHL12VDCN61.5U CIT-J115F21CHL12VDCN61.5U Datasheet
154Kb / 5P
   50A economical version
More results

Podobny opis - J115F21C12VDCN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com