Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST10.0LF260Q Arkusz danych(PDF) 1 Page - CIT Relay & Switch

Numer części ST10.0LF260Q
Szczegółowy opis  CIT SWITCH
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIT [CIT Relay & Switch]
Strona internetowa  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

ST10.0LF260Q Arkusz danych(HTML) 1 Page - CIT Relay & Switch

  ST10.0LF260Q Datasheet HTML 1Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.citswitch.com
page
89
phone – 763.535.2339 fax – 763.535.2194
SPECIFICATIONS
Electrical Ratings
50mA @ 48VDC
Electrical Life
100,000 cycles typical
1,000,000 cycles typical (Stainless steel dome only)
Contact Resistance
< 50 m
Ω initial
Actuation Force
160 +/- 50gF
200 +/- 50gF
260 +/- 50gF
520 +/- 50gF
Actuator Travel
.45 +/- .1mm
Dielectric Strength
500Vrms min
Insulation Resistance
> 100M
Ω min
Operating Temperature
Storage Temperature
-40
°C to 85°C
-55
°C to 90°C
MATERIALS
RoHS COMPLIANT
Actuator
6/6 Nylon
Housing
6/6 Nylon
Cover
Stainless Steel
Contacts
Phosphor Bronze or Stainless Steel, Silver Plated
Terminals
Brass, Silver Plated
ORDERING INFORMATION
1. Series:
ST
ST
5.0
2. Actuator Length:
4.3
5.0
10.0
3. Contact options:
Blank = Phosphor Bronze
L = Stainless Steel
F160
4. Actuation Force:
F160 = 160gF
F200 = 200gF
F260 = 260gF
F520 = 520gF
Q
5. Contact Material:
Q = Silver
DIMENSIONS
SCHEMATIC & PC LAYOUT
ST
PROCESS SEALED


Podobny numer części - ST10.0LF260Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
CIT Relay & Switch
ST10.0LF260Q CIT-ST10.0LF260Q Datasheet
280Kb / 2P
   Dust Proof Tactile
Rev C 11/2022
More results

Podobny opis - ST10.0LF260Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com