Zakładka z wyszukiwarką danych komponentów |
|
SN74ABT16374 Arkusz danych(PDF) 1 Page - Texas Instruments |
|
SN74ABT16374 Arkusz danych(HTML) 1 Page - Texas Instruments |
1 / 11 page SN54ABT16374A, SN74ABT16374A 16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS SCBS205C – MARCH 1993 – REVISED MAY 1997 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Members of the Texas Instruments Widebus ™ Family D State-of-the-Art EPIC-ΙΙB™ BiCMOS Design Significantly Reduces Power Dissipation D ESD Protection Exceeds 2000 V Per MIL-STD-883, Method 3015 D Latch-Up Performance Exceeds 500 mA Per JEDEC Standard JESD-17 D Typical VOLP (Output Ground Bounce) < 0.8 V at VCC = 5 V, TA = 25°C D High-Impedance State During Power Up and Power Down D Distributed VCC and GND Pin Configuration Minimizes High-Speed Switching Noise D Flow-Through Architecture Optimizes PCB Layout D High-Drive Outputs (–32-mA IOH, 64-mA IOL) D Package Options Include Plastic 300-mil Shrink Small-Outline (DL) and Thin Shrink Small-Outline (DGG) Packages and 380-mil Fine-Pitch Ceramic Flat (WD) Package Using 25-mil Center-to-Center Spacings description The ’ABT16374A are 16-bit edge-triggered D-type flip-flops with 3-state outputs designed specifically for driving highly capacitive or relatively low-impedance loads. They are particularly suitable for implementing buffer registers, I/O ports, bidirectional bus drivers, and working registers. These devices can be used as two 8-bit flip-flops or one 16-bit flip-flop. On the positive transition of the clock (CLK) input, the Q outputs of the flip-flop take on the logic levels set up at the data (D) inputs. A buffered output-enable (OE) input can be used to place the eight outputs in either a normal logic state (high or low logic levels) or a high-impedance state. In the high-impedance state, the outputs neither load nor drive the bus lines significantly. The high-impedance state and the increased drive provide the capability to drive bus lines without need for interface or pullup components OE does not affect internal operations of the flip-flop. Old data can be retained or new data can be entered while the outputs are in the high-impedance state. When VCC is between 0 and 2.1 V, the device is in the high-impedance state during power up or power down. However, to ensure the high-impedance state above 2.1 V, OE should be tied to VCC through a pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver. The SN54ABT16374A is characterized for operation over the full military temperature range of –55 °C to 125°C. The SN74ABT16374A is characterized for operation from –40 °C to 85°C. Copyright © 1997, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Widebus and EPIC- ΙΙB are trademarks of Texas Instruments Incorporated. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. SN54ABT16374A . . . WD PACKAGE SN74ABT16374A . . . DGG OR DL PACKAGE (TOP VIEW) 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 1OE 1Q1 1Q2 GND 1Q3 1Q4 VCC 1Q5 1Q6 GND 1Q7 1Q8 2Q1 2Q2 GND 2Q3 2Q4 VCC 2Q5 2Q6 GND 2Q7 2Q8 2OE 1CLK 1D1 1D2 GND 1D3 1D4 VCC 1D5 1D6 GND 1D7 1D8 2D1 2D2 GND 2D3 2D4 VCC 2D5 2D6 GND 2D7 2D8 2CLK |
Podobny numer części - SN74ABT16374 |
|
Podobny opis - SN74ABT16374 |