Zakładka z wyszukiwarką danych komponentów |
|
SN74ABT16600 Arkusz danych(PDF) 5 Page - Texas Instruments |
|
SN74ABT16600 Arkusz danych(HTML) 5 Page - Texas Instruments |
5 / 7 page SN54ABT16600, SN74ABT16600 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS SCBS209B – JUNE 1992 – REVISED JANUARY 1997 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 timing requirements over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) (see Figure 1) SN54ABT16600 SN74ABT16600 UNIT MIN MAX MIN MAX UNIT fclock Clock frequency 0 150 0 150 MHz t Pulse duration LEAB or LEBA high 2.5 2.5 ns tw Pulse duration CLKAB or CLKBA high or low 3 3 ns A before CLKAB ↓ or B before CLKBA↓ 3 3 tsu Setup time A before LEAB ↓ or B before LEBA↓ 2.5 2.5 ns CLKEN before CLK ↓ 2.5 2.5 A after CLKAB ↓ or B after CLKBA↓ 0 0 th Hold time A after LEAB ↓ or B after LEBA↓ 2 2 ns CLKEN after CLK ↓ 1 1 switching characteristics over recommended ranges of supply voltage and operating free-air temperature, CL = 50 pF (unless otherwise noted) (see Figure 1) PARAMETER FROM (INPUT) TO (OUTPUT) VCC = 5 V, TA = 25°C SN54ABT16600 SN74ABT16600 UNIT (INPUT) (OUTPUT) MIN TYP MAX MIN MAX MIN MAX fmax 150 150 150 MHz tPLH AorB BorA 1.5 2.5 3.6 1.5 4.2 1.5 4 ns tPHL A or B B or A 1.5 3.2 4.5 1.5 5.1 1.5 4.9 ns tPLH LEAB or LEBA BorA 2 3.2 4.5 2 5.6 2 5 ns tPHL LEAB or LEBA B or A 2 3.4 4.5 2 5.4 2 5 ns tPLH CLKAB or CLKBA BorA 2 3.5 4.7 2 5.4 2 5.3 ns tPHL CLKAB or CLKBA B or A 2 3.5 4.3 2 5.2 2 5 ns tPZH OEAB or OEBA BorA 1.5 3.4 4.6 1.5 5.3 1.5 5.1 ns tPZL OEAB or OEBA B or A 2 3.8 4.7 2 5.6 2 5.4 ns tPHZ OEAB or OEBA BorA 2 4.5 5.4 2 6.6 2 6.2 ns tPLZ OEAB or OEBA B or A 1.5 3.4 4.7 1.5 5.8 1.5 5.4 ns PRODUCT PREVIEW information concerns products in the formative or design phase of development. Characteristic data and other specifications are design goals. Texas Instruments reserves the right to change or discontinue these products without notice. |
Podobny numer części - SN74ABT16600 |
|
Podobny opis - SN74ABT16600 |