Zakładka z wyszukiwarką danych komponentów |
|
SN74ABT16652DLG4 Arkusz danych(PDF) 1 Page - Texas Instruments |
|
SN74ABT16652DLG4 Arkusz danych(HTML) 1 Page - Texas Instruments |
1 / 14 page SN54ABT16652, SN74ABT16652 16-BIT BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS SCBS215B – FEBRUARY 1991 – REVISED JANUARY 1997 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Members of the Texas Instruments Widebus ™ Family D State-of-the-Art EPIC-ΙΙB™ BiCMOS Design Significantly Reduces Power Dissipation D Latch-Up Performance Exceeds 500 mA Per JEDEC Standard JESD-17 D Typical VOLP (Output Ground Bounce) < 1 V at VCC = 5 V, TA = 25°C D Distributed VCC and GND Pin Configuration Minimizes High-Speed Switching Noise D Flow-Through Architecture Optimizes PCB Layout D High-Drive Outputs (–32-mA IOH, 64-mA IOL) D Package Options Include Plastic 300-mil Shrink Small-Outline (DL) Package and 380-mil Fine-Pitch Ceramic Flat (WD) Package Using 25-mil Center-to-Center Spacings description The ’ABT16652 are 16-bit bus transceivers that consist of D-type flip-flops and control circuitry arranged for multiplexed transmission of data directly from the data bus or from the internal storage registers. These devices can be used as two 8-bit transceivers or one 16-bit transceiver. Output-enable (OEAB and OEBA) inputs are provided to control the transceiver functions. Select-control (SAB and SBA) inputs are provided to select whether real-time or stored data is transferred. The circuitry used for select control eliminates the typical decoding glitch that occurs in a multiplexer during the transition between stored and real-time data. A low input selects real-time data, and a high input selects stored data. Figure 1 illustrates the four fundamental bus-management functions that can be performed with the ’ABT16652. Data on the A- or B-data bus, or both, can be stored in the internal D-type flip-flops by low-to-high transitions at the appropriate clock (CLKAB or CLKBA) inputs regardless of the select- or enable-control inputs. When SAB and SBA are in the real-time transfer mode, it is possible to store data without using the internal D-type flip-flops by simultaneously enabling OEAB and OEBA. In this configuration, each output reinforces its input. When all other data sources to the two sets of bus lines are at high impedance, each set of bus lines remains at its last state. Copyright © 1997, Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. Widebus and EPIC- ΙΙB are trademarks of Texas Instruments Incorporated. SN54ABT16652 . . . WD PACKAGE SN74ABT16652 . . . DL PACKAGE (TOP VIEW) 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 1OEAB 1CLKAB 1SAB GND 1A1 1A2 VCC 1A3 1A4 1A5 GND 1A6 1A7 1A8 2A1 2A2 2A3 GND 2A4 2A5 2A6 VCC 2A7 2A8 GND 2SAB 2CLKAB 2OEAB 1OEBA 1CLKBA 1SBA GND 1B1 1B2 VCC 1B3 1B4 1B5 GND 1B6 1B7 1B8 2B1 2B2 2B3 GND 2B4 2B5 2B6 VCC 2B7 2B8 GND 2SBA 2CLKBA 2OEBA |
Podobny numer części - SN74ABT16652DLG4 |
|
Podobny opis - SN74ABT16652DLG4 |