Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ABT16833 Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74ABT16833
Szczegółowy opis  DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT16833 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button SN74ABT16833 Datasheet HTML 2Page - Texas Instruments SN74ABT16833 Datasheet HTML 3Page - Texas Instruments SN74ABT16833 Datasheet HTML 4Page - Texas Instruments SN74ABT16833 Datasheet HTML 5Page - Texas Instruments SN74ABT16833 Datasheet HTML 6Page - Texas Instruments SN74ABT16833 Datasheet HTML 7Page - Texas Instruments SN74ABT16833 Datasheet HTML 8Page - Texas Instruments SN74ABT16833 Datasheet HTML 9Page - Texas Instruments SN74ABT16833 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
74ABT16833DGGRE4
ACTIVE
TSSOP
DGG
56
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74ABT16833DGGR
ACTIVE
TSSOP
DGG
56
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74ABT16833DL
ACTIVE
SSOP
DL
56
20
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74ABT16833DLR
ACTIVE
SSOP
DL
56
1000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
5-Sep-2005
Addendum-Page 1


Podobny numer części - SN74ABT16833

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ABT16833 TI-SN74ABT16833 Datasheet
171Kb / 10P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN74ABT16833 TI-SN74ABT16833 Datasheet
364Kb / 13P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN74ABT16833DGGR TI-SN74ABT16833DGGR Datasheet
364Kb / 13P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN74ABT16833DL TI-SN74ABT16833DL Datasheet
364Kb / 13P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN74ABT16833DLG4 TI-SN74ABT16833DLG4 Datasheet
364Kb / 13P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
More results

Podobny opis - SN74ABT16833

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54ABT16853 TI-SN54ABT16853_07 Datasheet
308Kb / 11P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16833 TI-SN54ABT16833_08 Datasheet
364Kb / 13P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16833 TI-SN54ABT16833_98 Datasheet
171Kb / 10P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16853 TI-SN54ABT16853 Datasheet
143Kb / 8P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT16853 TI-SN54ABT16853_06 Datasheet
157Kb / 9P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
74ACT16833 TI1-74ACT16833 Datasheet
172Kb / 9P
[Old version datasheet]   DUAL 8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT853 TI-SN54ABT853 Datasheet
141Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT833 TI-SN54ABT833 Datasheet
154Kb / 9P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT853 TI1-SN54ABT853_17 Datasheet
975Kb / 20P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
SN54ABT833 TI1-SN54ABT833_15 Datasheet
251Kb / 13P
[Old version datasheet]   8-BIT TO 9-BIT PARITY BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com