Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ABT18652PM Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74ABT18652PM
Szczegółowy opis  SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS AND REGISTERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT18652PM Arkusz danych(HTML) 3 Page - Texas Instruments

  SN74ABT18652PM Datasheet HTML 1Page - Texas Instruments SN74ABT18652PM Datasheet HTML 2Page - Texas Instruments SN74ABT18652PM Datasheet HTML 3Page - Texas Instruments SN74ABT18652PM Datasheet HTML 4Page - Texas Instruments SN74ABT18652PM Datasheet HTML 5Page - Texas Instruments SN74ABT18652PM Datasheet HTML 6Page - Texas Instruments SN74ABT18652PM Datasheet HTML 7Page - Texas Instruments SN74ABT18652PM Datasheet HTML 8Page - Texas Instruments SN74ABT18652PM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SN54ABT18652, SN74ABT18652
SCAN TEST DEVICES WITH
18-BIT BUS TRANSCEIVERS AND REGISTERS
SCBS132A – AUGUST 1992 – REVISED OCTOBER 1992
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
In the test mode, the normal operation of the SCOPE
™ bus transceivers and registers is inhibited, and the test
circuitry is enabled to observe and control the I/O boundary of the device. When enabled, the test circuitry can
perform boundary scan test operations according to the protocol described in IEEE Standard 1149.1-1990.
Four dedicated test pins are used to observe and control the operation of the test circuitry: test data input (TDI),
test data output (TDO), test mode select (TMS), and test clock (TCK). Additionally, the test circuitry can perform
other testing functions such as parallel signature analysis on data inputs and pseudo-random pattern generation
from data outputs. All testing and scan operations are synchronized to the TAP interface.
Additional flexibility is provided in the test mode through the use of two boundary scan cells (BSCs) for each
I/O pin. This allows independent test data to be captured and forced at either bus (A or B). A PSA/COUNT
instruction is also included to ease the testing of memories and other circuits where a binary count addressing
scheme is useful.
The SN54ABT18652 is characterized over the full military temperature range of – 55
°C to 125°C. The
SN74ABT18652 is characterized for operation from – 40
°C to 85°C.
FUNCTION TABLE
(normal mode, each 9-bit section)
INPUTS
DATA I/O
OPERATION OR FUNCTION
OEAB
OEBA
CLKAB
CLKBA
SAB
SBA
A1 THRU A9
B1 THRU B9
OPERATION OR FUNCTION
L
H
L
L
X
X
Input disabled
Input disabled
Isolation
L
H
↑↑
X
X
Input
Input
Store A and B data
X
H
L
X
X
Input
Unspecified†
Store A, hold B
H
H
↑↑
X‡
X
Input
Output
Store A in both registers
L
XL
X
X
Unspecified†
Input
Hold A, store B
L
L
↑↑
XX‡
Output
Input
Store B in both registers
L
L
X
X
X
L
Output
Input
Real-time B data to A bus
L
L
X
L
X
H
Output
Input
Stored B data to A bus
H
H
X
X
L
X
Input
Output
Real-time A data to B bus
H
H
L
X
H
X
Input
Output
Stored A data to B bus
H
L
L
L
H
H
Output
Output
Stored A data to B bus and
stored B data to A bus
† The data output functions can be enabled or disabled by a variety of level combinations at the OEAB or OEBA inputs. Data input functions are
always enabled; i.e., data at the bus pins is stored on every low-to-high transition on the clock inputs.
‡ Select control = L: clocks can occur simultaneously.
Select control = H: clocks must be staggered in order to load both registers.


Podobny numer części - SN74ABT18652PM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ABT18640 TI-SN74ABT18640 Datasheet
400Kb / 30P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT INVERTING BUS TRANSCEIVERS
SN74ABT18640DGG TI-SN74ABT18640DGG Datasheet
400Kb / 30P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT INVERTING BUS TRANSCEIVERS
SN74ABT18640DL TI-SN74ABT18640DL Datasheet
400Kb / 30P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT INVERTING BUS TRANSCEIVERS
SN74ABT18646 TI-SN74ABT18646 Datasheet
208Kb / 13P
[Old version datasheet]   WITH 18-BIT TRANSCEIVER AND REGISTER
SN74ABT18646PM TI-SN74ABT18646PM Datasheet
208Kb / 13P
[Old version datasheet]   WITH 18-BIT TRANSCEIVER AND REGISTER
More results

Podobny opis - SN74ABT18652PM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74ABTH182652APMG4 TI1-74ABTH182652APMG4 Datasheet
580Kb / 39P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS AND REGISTERS
SN54ABTH18652A TI-SN54ABTH18652A Datasheet
575Kb / 37P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS AND REGISTERS
SN54ABTH18646A TI1-SN54ABTH18646A_14 Datasheet
656Kb / 41P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT TRANSCEIVERS AND REGISTERS
SN54ABTH18646A TI-SN54ABTH18646A Datasheet
559Kb / 37P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT TRANSCEIVERS AND REGISTERS
SN54ABT18245A TI-SN54ABT18245A Datasheet
357Kb / 28P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN54ABT18245A TI-SN54ABT18245A_06 Datasheet
436Kb / 32P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN54ABT18245A TI-SN54ABT18245A_08 Datasheet
617Kb / 34P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT BUS TRANSCEIVERS
SN54ABT8652 TI-SN54ABT8652_07 Datasheet
682Kb / 33P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54ABT8652 TI1-SN54ABT8652_16 Datasheet
520Kb / 31P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54ABT8652 TI-SN54ABT8652 Datasheet
366Kb / 25P
[Old version datasheet]   SCAN TEST DEVICES WITH OCTAL BUS TRANSCEIVERS AND REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com