Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB05-10B15 Arkusz danych(PDF) 9 Page - MORNSUN Science& Technology Ltd.

Numer części LB05-10B15
Szczegółowy opis  AC-DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MORNSUN [MORNSUN Science& Technology Ltd.]
Strona internetowa  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LB05-10B15 Arkusz danych(HTML) 9 Page - MORNSUN Science& Technology Ltd.

Back Button LB05-10B15 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LB05-10B15 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LB05-10B15 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LB05-10B15 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LB05-10B15 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. LB05-10B15 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd. LB05-10B15 Datasheet HTML 8Page - MORNSUN Science& Technology Ltd. LB05-10B15 Datasheet HTML 9Page - MORNSUN Science& Technology Ltd. LB05-10B15 Datasheet HTML 10Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
♦ The heat sink should be made of a good heat conducting material, such as aluminum and
copper.
♦ The larger the surface area, the better the radiation. Therefore, heat sinks usually have a
ridged surface or special coatings to make a larger surface area.
♦ Use the longest and thickest possible heat sink for best convection.
Heat sinks are best attached to the converter
’s surface, where the difference in temperature
between the surface and the ambient is largest. The use of heat conductive material between
the heat sink and the converter
’s surface to make a better contact and to improve heat
conductance is suggested. To avoid case distortion, please do not affix the heat sink too firmly to
the converter case.
(3) Forced Air Cooling
In some systems, where a heat sink does not effectively reduce the ambient temperature, a fan
is used to improve the heat radiation. Fans can lower the surface temperature of the converter,
but large fans also occupy extra space in the system. It is important to select a suitable fan size,
where the speed of the fan will determines how effective it is. The faster the speed, the better
the effect on reducing radiated heat.
As high speed will also cause increased noise, there is a
need to balance the choice between the how effective the fan is against how much audible noise
it generates.
A long, rectangular shaped AC/DC converter should use a horizontal fan, and channeled heat
sinks should use vertical fans, in order to encourage air flow through the channels.
5. Input Under Voltage Impact
5.1 Block Diagram of AC/DC Converter
5.2 Impact to Converter Reliability
The input voltage range of MORNSUN
’s AC/DC converters is 85~264VAC or 120~370VDC.
When the converter is operated within the rated input voltage range, the output current can be
used up to the maximum rated specification.
The total output power is Io x Vo.
If the converter is operated with an input voltage that is under the rated voltage, offering the
same output power of Io x Vo , causes the current (Is) at the transistor (S) to be increased.
Long term operation under this condition will damage the transistor (S).


Podobny numer części - LB05-10B15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MORNSUN Science& Techno...
LB05-10B15 MORNSUN-LB05-10B15 Datasheet
658Kb / 6P
   LB series ---- is a compact size power converter offered by Mornsun.
LB05-10B15LT MORNSUN-LB05-10B15LT Datasheet
282Kb / 7P
   AC/DC Converter
More results

Podobny opis - LB05-10B15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
   AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
   AC/DC converter
logo
MORNSUN Science& Techno...
LN01-12B05 MORNSUN-LN01-12B05_15 Datasheet
221Kb / 5P
   AC/DC converter
logo
CUI INC
FSC-S30 CUI-FSC-S30_10 Datasheet
369Kb / 3P
   ac-dc converter
logo
Rohm
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
   AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
   AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
   ac-dc converter
logo
PAIRUI GROUP INC.
ALR-25 PAIRUI-ALR-25 Datasheet
498Kb / 4P
   AC-DC Converter
ALR-40 PAIRUI-ALR-40 Datasheet
495Kb / 4P
   AC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com