Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LB10-10B05 Arkusz danych(PDF) 5 Page - MORNSUN Science& Technology Ltd.

Numer części LB10-10B05
Szczegółowy opis  AC-DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MORNSUN [MORNSUN Science& Technology Ltd.]
Strona internetowa  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LB10-10B05 Arkusz danych(HTML) 5 Page - MORNSUN Science& Technology Ltd.

  LB10-10B05 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LB10-10B05 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LB10-10B05 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LB10-10B05 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LB10-10B05 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LB10-10B05 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. LB10-10B05 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd. LB10-10B05 Datasheet HTML 8Page - MORNSUN Science& Technology Ltd. LB10-10B05 Datasheet HTML 9Page - MORNSUN Science& Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AC-DC Converter Application Guidelines
1. Foreword
The following guidelines should be carefully read prior to converter use.
Improper use may
result in the risk of electric shock, damaging the converter, or fire.
1.1
Risk of Injury
A.
To avoid the risk of burns, do not touch the heat sink or the converter
’s case.
B.
Do not touch the input terminals or open the case and touch internal components,
which cold result in electric shock or burns.
C.
When the converter is in operation, keep hands and face at a distance to avoid
potential injury during improper operation.
1.2
Installation Advice
A.
Please make sure the input terminals and signal terminals are properly connected in
accordance with the stated datasheet requirements.
B.
To ensure safe operation and meet safety standard requirements, install a slow
blow fuse at input of the converter.
C.
Installation and use of AC/DC converters should be handled by a qualified
professional.
D.
AC/DC converters are used in the primary transmission stage of a design and thus,
should be installed in compliance with certain safety standards.
E.
Please ensure that the input and output of the converter are incorporated into the
design out of the reach of the end user.
The end product manufacturer should also
ensure that the converter is protected from being shorted by any service engineer or
any metal filings.
F.
The application circuits and parameters shown are for reference only. All parameters
and circuits are to be verified before completing the circuit design.
G.
These guidelines are subject to change without notice; please check our website for
updates.
2. General AC-DC Converter Applications
2.1 Basic Application Circuit


Podobny numer części - LB10-10B05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MORNSUN Science& Techno...
LB10-10B05 MORNSUN-LB10-10B05 Datasheet
658Kb / 6P
   LB series ---- is a compact size power converter offered by Mornsun.
LB10-10B05LT MORNSUN-LB10-10B05LT Datasheet
282Kb / 7P
   AC/DC Converter
More results

Podobny opis - LB10-10B05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
   AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
   AC/DC converter
logo
MORNSUN Science& Techno...
LN01-12B05 MORNSUN-LN01-12B05_15 Datasheet
221Kb / 5P
   AC/DC converter
logo
CUI INC
FSC-S30 CUI-FSC-S30_10 Datasheet
369Kb / 3P
   ac-dc converter
logo
Rohm
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
   AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
   AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
   ac-dc converter
logo
PAIRUI GROUP INC.
ALR-25 PAIRUI-ALR-25 Datasheet
498Kb / 4P
   AC-DC Converter
ALR-40 PAIRUI-ALR-40 Datasheet
495Kb / 4P
   AC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com