Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ABT5400A Arkusz danych(PDF) 2 Page - Texas Instruments

Numer części SN74ABT5400A
Szczegółowy opis  11-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT5400A Arkusz danych(HTML) 2 Page - Texas Instruments

  SN74ABT5400A Datasheet HTML 1Page - Texas Instruments SN74ABT5400A Datasheet HTML 2Page - Texas Instruments SN74ABT5400A Datasheet HTML 3Page - Texas Instruments SN74ABT5400A Datasheet HTML 4Page - Texas Instruments SN74ABT5400A Datasheet HTML 5Page - Texas Instruments SN74ABT5400A Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SN54ABT5400A, SN74ABT5400A
11-BIT LINE/MEMORY DRIVERS
WITH 3-STATE OUTPUTS
SCBS661B – FEBRUARY 1996 – REVISED MAY 1997
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic symbol
28
D1
27
D2
26
D3
25
D4
24
D5
Y1
1
Y2
2
Y3
3
Y4
4
Y5
5
Y6
6
Y7
9
Y8
10
23
D6
20
D7
19
D8
15
14
OE1
OE2
EN
&
Y9
11
Y10
12
18
D9
17
D10
1
16
D11
Y11
13
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and
IEC Publication 617-12.
Pin numbers shown are for the DW and JT packages.
logic diagram (positive logic)
Y1
To Ten Other Channels
OE1
OE2
D1
14
15
28
1
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the high or power-off state, VO
–0.5 V to 5.5 V
. . . . . . . . . . . . . . . . . . .
Current into any output in the low state, IO
30 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
–18 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0)
–50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): DW package
78
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
2. The package thermal impedance is calculated in accordance with EIA/JEDEC Std JESD51.


Podobny numer części - SN74ABT5400A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ABT5400 TI1-SN74ABT5400 Datasheet
140Kb / 8P
[Old version datasheet]   11-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN74ABT5400DW TI1-SN74ABT5400DW Datasheet
140Kb / 8P
[Old version datasheet]   11-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN74ABT5400DWR TI1-SN74ABT5400DWR Datasheet
140Kb / 8P
[Old version datasheet]   11-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
More results

Podobny opis - SN74ABT5400A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54ABT5401 TI-SN54ABT5401 Datasheet
106Kb / 6P
[Old version datasheet]   11-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54ABT5400 TI1-SN54ABT5400 Datasheet
140Kb / 8P
[Old version datasheet]   11-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54ABT5403 TI-SN54ABT5403 Datasheet
106Kb / 6P
[Old version datasheet]   12-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54ABT5402A TI1-SN54ABT5402A_14 Datasheet
530Kb / 12P
[Old version datasheet]   12-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54ABT5402A TI-SN54ABT5402A Datasheet
105Kb / 6P
[Old version datasheet]   12-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN74ABT5402 TI1-SN74ABT5402 Datasheet
251Kb / 11P
[Old version datasheet]   12-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54ABT5403 TI1-SN54ABT5403_09 Datasheet
304Kb / 9P
[Old version datasheet]   12-BIT LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN74BCT2410 TI1-SN74BCT2410 Datasheet
96Kb / 6P
[Old version datasheet]   11-BIT MOS MEMORY DRIVER WITH 3-STATE OUTPUTS
SN54ABTR2245 TI1-SN54ABTR2245_13 Datasheet
672Kb / 10P
[Old version datasheet]   OCTAL TRANSCEIVERS AND LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
SN54ABTR2245 TI-SN54ABTR2245 Datasheet
129Kb / 8P
[Old version datasheet]   OCTAL TRANSCEIVERS AND LINE/MEMORY DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com