Zakładka z wyszukiwarką danych komponentów |
|
SN74ABT244APWRE4 Arkusz danych(PDF) 4 Page - Texas Instruments |
|
|
SN74ABT244APWRE4 Arkusz danych(HTML) 4 Page - Texas Instruments |
4 / 17 page SN54ABT244, SN74ABT244A OCTAL BUFFERS/DRIVERS WITH 3STATE OUTPUTS SCBS099J − JANUARY 1991 − REVISED APRIL 2005 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS TA = 25°C SN54ABT244 SN74ABT244A UNIT PARAMETER TEST CONDITIONS MIN TYP† MAX MIN MAX MIN MAX UNIT VIK VCC = 4.5 V, II = −18 mA −1.2 −1.2 −1.2 V VCC = 4.5 V, IOH = −3 mA 2.5 2.5 2.5 VOH VCC = 5 V, IOH = −3 mA 3 3 3 V VOH VCC = 4.5 V IOH = −24 mA 2 2 V VCC = 4.5 V IOH = −32 mA 2* 2 VOL VCC = 4.5 V IOL = 48 mA 0.55 0.55 V VOL VCC = 4.5 V IOL = 64 mA 0.55* 0.55 V Vhys 100 mV II VCC = 5.5 V, VI = VCC or GND ±1 ±1 ±1 µA IOZH VCC = 5.5 V, VO = 2.7 V 10 10 10 µA IOZL VCC = 5.5 V, VO = 0.5 V −10 −10 −10 µA Ioff VCC = 0, VI or VO ≤ 5.5 V ±100 ±100 µA ICEX VCC = 5.5 V Outputs high 50 50 50 µA IO‡ VCC = 5.5 V, VO = 2.5 V −50 −100 −180 −50 −180 −50 −180 mA VCC = 5.5 V, IO = 0, Outputs high 1 250 250 250 µA ICC VCC = 5.5 V, IO = 0, VI = VCC or GND Outputs low 24 30 30 30 mA ICC VI = VCC or GND Outputs disabled 0.5 250 250 250 µA Data VCC = 5.5 V, One input at 3.4 V, Outputs enabled 1.5 1.5 1.5 ∆ICC§ Data inputs One input at 3.4 V, Other inputs at VCC or GND Outputs disabled 0.05 0.05 0.05 mA CC Control inputs VCC = 5.5 V, One input at 3.4 V, Other inputs at VCC or GND 1.5 1.5 1.5 Ci VI = 2.5 V or 0.5 V 3.5 pF Co VO = 2.5 V or 0.5 V 7.5 pF * On products compliant to MIL-PRF-38535, this parameter does not apply. † All typical values are at VCC = 5 V. ‡ Not more than one output should be tested at a time, and the duration of the test should not exceed one second. § This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND. |
Podobny numer części - SN74ABT244APWRE4 |
|
Podobny opis - SN74ABT244APWRE4 |