Zakładka z wyszukiwarką danych komponentów |
|
SN74ABT543ADWR Arkusz danych(PDF) 3 Page - Texas Instruments |
|
|
SN74ABT543ADWR Arkusz danych(HTML) 3 Page - Texas Instruments |
3 / 18 page SN54ABT543A, SN74ABT543A OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS SCBS157F – JANUARY 1991 – REVISED MAY 1997 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 logic diagram (positive logic) OEBA CEBA LEBA OEAB CEAB LEAB A1 B1 To Seven Other Channels 2 23 1 13 11 14 3 22 C1 1D C1 1D Pin numbers shown are for the DB, DW, JT, NT, PW, and W packages. absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage range, VCC –0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI (except I/O ports) (see Note 1) –0.5 V to 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Voltage range applied to any output in the high or power-off state, VO –0.5 V to 5.5 V . . . . . . . . . . . . . . . . . . . Current into any output in the low state, IO: SN54ABT543A 96 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . SN74ABT543A 128 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input clamp current, IIK (VI < 0) –18 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output clamp current, IOK (VO < 0) –50 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Note 2): DB package 104 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . DW package 81 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . NT package 67 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PW package 120 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg –65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. The input and output negative-voltage ratings may be exceeded if the input and output clamp-current ratings are observed. 2. The package thermal impedance is calculated in accordance with EIA/JEDEC Std JESD51, except for through-hole packages, which use a trace length of zero. |
Podobny numer części - SN74ABT543ADWR |
|
Podobny opis - SN74ABT543ADWR |