Zakładka z wyszukiwarką danych komponentów |
|
SN74ABT573AGQNR Arkusz danych(PDF) 2 Page - Texas Instruments |
|
SN74ABT573AGQNR Arkusz danych(HTML) 2 Page - Texas Instruments |
2 / 20 page SN54ABT573, SN74ABT573A OCTAL TRANSPARENT DTYPE LATCHES WITH 3STATE OUTPUTS SCBS190F − JANUARY 1991 − REVISED SEPTEMBER 2003 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description/ordering information (continued) A buffered output-enable (OE) input can be used to place the eight outputs in either a normal logic state (high or low logic levels) or the high-impedance state. In the high-impedance state, the outputs neither load nor drive the bus lines significantly. The high-impedance state and increased drive provide the capability to drive bus lines without need for interface or pullup components. OE does not affect the internal operations of the latches. Old data can be retained or new data can be entered while the outputs are in the high-impedance state. To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver. This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs, preventing damaging current backflow through the device when it is powered down. terminal assignments 1234 A 1D OE VCC 1Q B 3D 3Q 2D 2Q C 5D 4D 5Q 4Q D 7D 7Q 6D 6Q E GND 8D LE 8Q FUNCTION TABLE (each latch) INPUTS OUTPUT OE LE D OUTPUT Q L H H H L HL L L LX Q0 H X X Z logic diagram (positive logic) OE To Seven Other Channels 1 11 2 19 LE 1D C1 1D 1Q Pin numbers shown are for the DB, DW, FK, J, N, NS, PW, RGY, and W packages. SN74ABT573A . . . GQN OR ZQN PACKAGE (TOP VIEW) 1 234 A B C D E |
Podobny numer części - SN74ABT573AGQNR |
|
Podobny opis - SN74ABT573AGQNR |