Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ABTE16246DGG Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części SN74ABTE16246DGG
Szczegółowy opis  11-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVERS WITH 3-STATE AND OPEN-COLLECTOR OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74ABTE16246DGG Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button SN74ABTE16246DGG Datasheet HTML 2Page - Texas Instruments SN74ABTE16246DGG Datasheet HTML 3Page - Texas Instruments SN74ABTE16246DGG Datasheet HTML 4Page - Texas Instruments SN74ABTE16246DGG Datasheet HTML 5Page - Texas Instruments SN74ABTE16246DGG Datasheet HTML 6Page - Texas Instruments SN74ABTE16246DGG Datasheet HTML 7Page - Texas Instruments SN74ABTE16246DGG Datasheet HTML 8Page - Texas Instruments SN74ABTE16246DGG Datasheet HTML 9Page - Texas Instruments SN74ABTE16246DGG Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SN54ABTE16246, SN74ABTE16246
11-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVERS
WITH 3-STATE AND OPEN-COLLECTOR OUTPUTS
SCBS227F – JULY 1993 – REVISED JUNE 1999
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
From Output
Under Test
LOAD CIRCUIT
S2
7 V
Open
500
SWITCHING TABLE LOADS
tPLH/tPHL (9A–11A and B port)
tPLH/tPHL (1A–8A)
tPLZ/tPZL
tPHZ/tPZH (except 1A–8A)
S1
Up
Up
Up
Up
tPLH
tPHL
Output
Output
Control
(low-level
enabling)
Output
Waveform 1
S2 at 7 V
(see Note B)
Output
Waveform 2
S2 at Open
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
1.5 V
1.5 V
1.5 V
1.5 V
3.5 V
3 V
0 V
1.5 V
1.5 V
VOH
VOL
0 V
1.5 V
VOL + 0.3 V
1.5 V
VOH – 0.3 V
≈ 0 V
3 V
Input
CL = 50 pF
(see Note A)
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
500
S1
94
3.65 V
2 nF
S2
Open
7 V
7 V
Open
RX
RX = 13, 26, or 56 Ω
EXTENDED
SWITCHING TABLE LOADS
tPLH/tPHL/tsk (A port)
tPLH/tPHL/tsk (B port)
tt (A port) (see Note E)
tt (B port) (see Note F)
Down
Up
Down
Up
X
Open
X
Open
S1
S2
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time with one transition per measurement.
E. tt is measured between 1 V and 2 V of the output waveform.
F. tt is measured between 10% and 90% of the output waveform.Figure 1
Figure 2. Load Circuit and Voltage Waveforms


Podobny numer części - SN74ABTE16246DGG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ABTE16246DGGR TI-SN74ABTE16246DGGR Datasheet
200Kb / 13P
[Old version datasheet]   11-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVER WITH 3-STATE AND OPEN-COLLECTOR OUTPUTS
More results

Podobny opis - SN74ABTE16246DGG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ABTE16246 TI-SN74ABTE16246 Datasheet
200Kb / 13P
[Old version datasheet]   11-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVER WITH 3-STATE AND OPEN-COLLECTOR OUTPUTS
SN54ABTE16245 TI-SN54ABTE16245_06 Datasheet
213Kb / 13P
[Old version datasheet]   16-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTE16245 TI-SN54ABTE16245 Datasheet
157Kb / 1P
[Old version datasheet]   16-BIT INCIDENT-WAVE SWITCHING BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ALS641A TI-SN74ALS641A_07 Datasheet
496Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH OPEN-COLLECTOR OUTPUTS
SN54F621 TI1-SN54F621_16 Datasheet
632Kb / 14P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH OPEN-COLLECTOR OUTPUTS
SN74ALS641A TI-SN74ALS641A Datasheet
115Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH OPEN-COLLECTOR OUTPUTS
SN54F621 TI-SN54F621 Datasheet
74Kb / 5P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH OPEN-COLLECTOR OUTPUTS
SN74ALS641A TI1-SN74ALS641A_16 Datasheet
1Mb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH OPEN-COLLECTOR OUTPUTS
SN54ABT162245 TI-SN54ABT162245 Datasheet
107Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AHCT16245 TI-SN54AHCT16245 Datasheet
101Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com