Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ABTH182504APM Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74ABTH182504APM
Szczegółowy opis  SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74ABTH182504APM Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button SN74ABTH182504APM Datasheet HTML 6Page - Texas Instruments SN74ABTH182504APM Datasheet HTML 7Page - Texas Instruments SN74ABTH182504APM Datasheet HTML 8Page - Texas Instruments SN74ABTH182504APM Datasheet HTML 9Page - Texas Instruments SN74ABTH182504APM Datasheet HTML 10Page - Texas Instruments SN74ABTH182504APM Datasheet HTML 11Page - Texas Instruments SN74ABTH182504APM Datasheet HTML 12Page - Texas Instruments SN74ABTH182504APM Datasheet HTML 13Page - Texas Instruments SN74ABTH182504APM Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
SN54ABTH18504A, SN54ABTH182504A, SN74ABTH18504A, SN74ABTH182504A
SCAN TEST DEVICES WITH
20-BIT UNIVERSAL BUS TRANSCEIVERS
SCBS165C – AUGUST 1993 – REVISED JULY 1996
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
data register description
boundary-scan register
The boundary-scan register (BSR) is 48 bits long. It contains one boundary-scan cell (BSC) for each
normal-function input pin and one BSC for each normal-function I/O pin (one single cell for both input data and
output data). The BSR is used 1) to store test data that is to be applied externally to the device output pins,
and/or 2) to capture data that appears internally at the outputs of the normal on-chip logic and/or externally at
the device input pins.
The source of data to be captured into the BSR during Capture-DR is determined by the current instruction. The
contents of the BSR can change during Run-Test/Idle as determined by the current instruction. At power up or
in Test-Logic-Reset, BSCs 47–46 are reset to logic 1, ensuring that these cells, which control A-port and B-port
outputs, are set to benign values (i.e., if test mode were invoked, the outputs would be at high-impedance state).
Reset values of other BSCs should be considered indeterminate.
The BSR order of scan is from TDI through bits 47–0 to TDO. Table 1 shows the BSR bits and their associated
device pin signals.
Table 1. Boundary-Scan Register Configuration
BSR BIT
NUMBER
DEVICE
SIGNAL
BSR BIT
NUMBER
DEVICE
SIGNAL
BSR BIT
NUMBER
DEVICE
SIGNAL
47
OEAB
39
A20-I/O
19
B20-I/O
46
OEBA
38
A19-I/O
18
B19-I/O
45
CLKAB
37
A18-I/O
17
B18-I/O
44
CLKBA
36
A17-I/O
16
B17-I/O
43
CLKENAB
35
A16-I/O
15
B16-I/O
42
CLKENBA
34
A15-I/O
14
B15-I/O
41
LEAB
33
A14-I/O
13
B14-I/O
40
LEBA
32
A13-I/O
12
B13-I/O
––
––
31
A12-I/O
11
B12-I/O
––
––
30
A11-I/O
10
B11-I/O
––
––
29
A10-I/O
9
B10-I/O
––
––
28
A9-I/O
8
B9-I/O
––
––
27
A8-I/O
7
B8-I/O
––
––
26
A7-I/O
6
B7-I/O
––
––
25
A6-I/O
5
B6-I/O
––
––
24
A5-I/O
4
B5-I/O
––
––
23
A4-I/O
3
B4-I/O
––
––
22
A3-I/O
2
B3-I/O
––
––
21
A2-I/O
1
B2-I/O
––
––
20
A1-I/O
0
B1-I/O


Podobny numer części - SN74ABTH182504APM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ABTH182504A TI-SN74ABTH182504A Datasheet
763Kb / 39P
[Old version datasheet]   SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
More results

Podobny opis - SN74ABTH182504APM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54ABTH18504A TI-SN54ABTH18504A_08 Datasheet
763Kb / 39P
[Old version datasheet]   SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABT18504 TI-SN54ABT18504_08 Datasheet
665Kb / 34P
[Old version datasheet]   SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABT18504 TI-SN54ABT18504 Datasheet
450Kb / 30P
[Old version datasheet]   SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABTH18502A TI-SN54ABTH18502A_08 Datasheet
832Kb / 42P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABTH18502A TI-SN54ABTH18502A Datasheet
549Kb / 37P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54ABTH18502A TI-SN54ABTH18502A_07 Datasheet
802Kb / 42P
[Old version datasheet]   SCAN TEST DEVICES WITH 18-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18504A TI1-SN54LVTH18504A_12 Datasheet
881Kb / 38P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18504A TI-SN54LVTH18504A Datasheet
544Kb / 35P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18514 TI-SN54LVTH18514 Datasheet
548Kb / 34P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
SN54LVTH18514 TI1-SN54LVTH18514_17 Datasheet
584Kb / 38P
[Old version datasheet]   3.3-V ABT SCAN TEST DEVICES WITH 20-BIT UNIVERSAL BUS TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com