Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ABTH32543 Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74ABTH32543
Szczegółowy opis  36-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74ABTH32543 Arkusz danych(HTML) 7 Page - Texas Instruments

  SN74ABTH32543 Datasheet HTML 1Page - Texas Instruments SN74ABTH32543 Datasheet HTML 2Page - Texas Instruments SN74ABTH32543 Datasheet HTML 3Page - Texas Instruments SN74ABTH32543 Datasheet HTML 4Page - Texas Instruments SN74ABTH32543 Datasheet HTML 5Page - Texas Instruments SN74ABTH32543 Datasheet HTML 6Page - Texas Instruments SN74ABTH32543 Datasheet HTML 7Page - Texas Instruments SN74ABTH32543 Datasheet HTML 8Page - Texas Instruments SN74ABTH32543 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SN54ABTH32543, SN74ABTH32543
36-BIT REGISTERED BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS230F – JUNE 1992 – REVISED MAY 1997
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C†
SN54ABTH32543
SN74ABTH32543
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
AorB
BorA
1
3.5
5.2
0.5
6.3
1
5.9
ns
tPHL
A or B
B or A
1
3.5
5.1
0.5
5.9
1
5.7
ns
tPLH
LE
AorB
1.9
4.6
6.3
0.8
7.9
1.9
7.5
ns
tPHL
LE
A or B
1.9
4.3
5.9
0.8
6.9
1.9
6.6
ns
tPZH
CE
AorB
1.7
4.3
6.7
0.8
8.3
1.7
8
ns
tPZL
CE
A or B
2.6
5.2
8
1
8.8
2.6
8.8
ns
tPHZ
CE
AorB
1.6
3.8
6.6
0.5
7.4
1.6
7.1
ns
tPLZ
CE
A or B
2.4
4.6
7
1
7.9
2.4
7.5
ns
tPZH
OE
AorB
1.4
3.8
6.1
0.5
7.6
1.4
7.3
ns
tPZL
OE
A or B
2.3
4.7
7.4
1
8.2
2.3
8.1
ns
tPHZ
OE
AorB
1.3
3.4
6.1
0.5
6.7
1.3
6.5
ns
tPLZ
OE
A or B
2
4.2
6.6
0.8
7.2
2
6.9
ns
† These limits apply only to the SN74ABTH32543.


Podobny numer części - SN74ABTH32543

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ABTH32543 TI1-SN74ABTH32543 Datasheet
201Kb / 11P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABTH32543-EP TI1-SN74ABTH32543-EP Datasheet
174Kb / 10P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ABTH32543MPZEP TI1-SN74ABTH32543MPZEP Datasheet
174Kb / 10P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ABTH32543PZ TI1-SN74ABTH32543PZ Datasheet
201Kb / 11P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABTH32543PZG4 TI1-SN74ABTH32543PZG4 Datasheet
201Kb / 11P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Podobny opis - SN74ABTH32543

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54ABT32543 TI1-SN54ABT32543 Datasheet
159Kb / 9P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH32543 TI1-SN54ABTH32543_08 Datasheet
201Kb / 11P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT32245 TI-SN54ABT32245 Datasheet
133Kb / 8P
[Old version datasheet]   36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH32245 TI-SN54ABTH32245_07 Datasheet
215Kb / 9P
[Old version datasheet]   36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT32245 TI1-SN54ABT32245_08 Datasheet
145Kb / 8P
[Old version datasheet]   36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH32245 TI-SN54ABTH32245 Datasheet
168Kb / 9P
[Old version datasheet]   36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT11470 TI1-74ACT11470 Datasheet
125Kb / 7P
[Old version datasheet]   8-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT16474 TI1-74ACT16474 Datasheet
142Kb / 7P
[Old version datasheet]   18-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABTH32543-EP TI1-SN74ABTH32543-EP Datasheet
174Kb / 10P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN54ABTH32501 TI-SN54ABTH32501 Datasheet
135Kb / 9P
[Old version datasheet]   36-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com