Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDA9984A Arkusz danych(PDF) 5 Page - NXP Semiconductors

Numer części TDA9984A
Szczegółowy opis  HDMI 1.3 transmitter with 1080p upscaler embedded
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9984A Arkusz danych(HTML) 5 Page - NXP Semiconductors

  TDA9984A Datasheet HTML 1Page - NXP Semiconductors TDA9984A Datasheet HTML 2Page - NXP Semiconductors TDA9984A Datasheet HTML 3Page - NXP Semiconductors TDA9984A Datasheet HTML 4Page - NXP Semiconductors TDA9984A Datasheet HTML 5Page - NXP Semiconductors TDA9984A Datasheet HTML 6Page - NXP Semiconductors TDA9984A Datasheet HTML 7Page - NXP Semiconductors TDA9984A Datasheet HTML 8Page - NXP Semiconductors TDA9984A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
TDA9984A_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 15 January 2009
5 of 40
NXP Semiconductors
TDA9984A
HDMI 1.3 transmitter with 1080p upscaler embedded
7.
Pinning information
7.1 Pin description
Fig 2.
Pin configuration
TDA9984AHW
HSYNC/HREF
VSSC
VSYNC/VREF
VDDC(1V8)
VPP
VPB[6]
AP7
VPB[7]
AP6
VPC[0]
AP5
VPC[1]
AP4
VPC[2]
AP3
VPC[3]
AP2
VPC[4]
AP1
VPC[5]
AP0
VPC[6]
ACLK
VPC[7]
VDDD(3V3)
VDDD(3V3)
VSSD
VSSD
VSSA(PLL)(1V8)
VSSA(PLL)(1V8)
VDDA(PLL)(1V8)
VDDA(PLL)(1V8)
INT
I2C_SDA
HPD
I2C_SCL
DDC_SDA
RST_N
DDC_SCL
A0
001aag597
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
Table 3.
Pin description
Symbol
Pin
Type[1]
Description
HSYNC/HREF
1
I
horizontal synchronization or reference input
VSYNC/VREF
2
I
vertical synchronization or reference input
VPP
3
P
programming voltage for OTP memory; connect to
ground for digital core in normal operation
AP7
4
I
audio port 7 input
AP6
5
I
audio port 6 input
AP5
6
I
audio port 5 input
AP4
7
I
audio port 4 input
AP3
8
I
audio port 3 input


Podobny numer części - TDA9984A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA9984A NXP-TDA9984A Datasheet
204Kb / 40P
   HDMI 1.3 transmitter with 1080p upscaler embedded
Rev. 04-15 January 2009
TDA9984AHW NXP-TDA9984AHW Datasheet
204Kb / 40P
   HDMI 1.3 transmitter with 1080p upscaler embedded
Rev. 04-15 January 2009
More results

Podobny opis - TDA9984A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA9984A NXP-TDA9984A Datasheet
204Kb / 40P
   HDMI 1.3 transmitter with 1080p upscaler embedded
Rev. 04-15 January 2009
logo
Analog Devices
ADV7510BSTZ-P AD-ADV7510BSTZ-P Datasheet
60Kb / 2P
   Deep Color HDMI 1.3 Transmitter with CEC
Rev. SpA
logo
Tripp Lite. All Rights ...
P142-06N-SC4K TRIPPLITE-P142-06N-SC4K Datasheet
495Kb / 2P
   HDMI 4K x 2K UHD Upscaler
logo
List of Unclassifed Man...
SII9134 ETC2-SII9134 Datasheet
870Kb / 2P
   HDMI 1.3 Transmitter with Deep Color, High Bit-Rate HD Audio Support
logo
Silicon image
SII9020 SILICONIMAGE-SII9020 Datasheet
173Kb / 2P
   HDMI Transmitter
SII9022A SILICONIMAGE-SII9022A Datasheet
1Mb / 2P
   HDMI Transmitter
logo
ESS Technology,Inc
ES7120 ESS-ES7120 Datasheet
44Kb / 2P
   HDMI Transmitter
logo
Silicon image
SII9024A SILICONIMAGE-SII9024A Datasheet
1Mb / 2P
   HDMI Transmitter
logo
Tripp Lite. All Rights ...
P142000MINI TRIPPLITE-P142000MINI Datasheet
493Kb / 2P
   HDMI to Mini HDMI Adapter, 1080p (F-M)
logo
Bourns Electronic Solut...
CDDFN10-0524P BOURNS-CDDFN10-0524P Datasheet
739Kb / 1P
   HDMI 1.3 - ESD & Overcurrent Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com